Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EHFFD1627 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. EHFFD1627
Description  Ultra miniaturized, thin type(1.6x0.8x t0.55) Balanced / Unbalanced Converter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

EHFFD1627 Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hybrid Components
Dimensions in mm (not to scale)
Balun
We accomplish the advanced characteristics of Low
Insertion Loss and High Isolation,the Miniaturization and
High Performance by our -wave circuit simulation and
fine line printing technologies.
Features
Ultra miniaturized, thin type(1.6
0.8
t 0.55)
Available for each frequency range
(100 MHz to 4000 MHz)
Balanced / Unbalanced Converter
Impedance matching ( 50
/ 200
, 50
/ 100
)
Typical Characteristics
Part No. EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD EHFFD
1750A
1622
1620
1629
1624B
1624D
1624
1615
1621
1626
1618
1619
1627
1631
Frequency
1700 to 700 to
900 to
1550 to 1600 to 1800 to 3400 to 670 to
1100 to 1600 to 700 to
1200 to 1546 to 1621 1805 to 1880
( MHz )
1950
900
1350
2000
1950
2000
4000
900
1450
1800
1300
2200 1806 to 1990 1930 to 1990
Insertion Loss
1.0
1.0
1.0
0.8
1.0
1.0
2.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
( dB )
max.max.max.max.max.max.max.max.max.max.max.max.max. max.
Difference of Phase(deg) 180 15 180 15 180 15 180 10 180 15 180 15 180 15 180 15 180 15 180 15 180 15 180 15 180 15 180 20
Impedance
50/200 50/200 50/200 50/50 50/200 50/200 50/200 50/200 50/200 50/200 50/50
50/50
50/50
50/50
(
)
Circuit Diagram
Fig. 1 Fig. 1 Fig. 1 Fig. 2 Fig. 1 Fig. 1 Fig. 1 Fig. 1 Fig. 1 Fig. 1 Fig. 2 Fig. 2 Fig. 3
Fig. 4
Size ( mm ) 1.6 0.8 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 3.2 1.6 3.2 1.6 3.2 1.6 3.2 1.6 3.2 1.6 3.2 1.6
3.2 1.6
Construction No.
1
2
2
2
2
2
2
3
3
3
3
3
3
Note
Dual
Items
An Equivalent Circuit
Block Diagram
Fig. 1
Fig. 3
Fig. 2
Fig. 4
Recommended Applications
Digital portable telephone
Dual mode portable telephone
Personal handy-phone system
Mobile communication system
µ
X
X


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn