Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP4-DC100V-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # HP4-DC100V-F
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP4-DC100V-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  HP4-DC100V-F Datasheet HTML 1Page - Panasonic Semiconductor HP4-DC100V-F Datasheet HTML 2Page - Panasonic Semiconductor HP4-DC100V-F Datasheet HTML 3Page - Panasonic Semiconductor HP4-DC100V-F Datasheet HTML 4Page - Panasonic Semiconductor HP4-DC100V-F Datasheet HTML 5Page - Panasonic Semiconductor HP4-DC100V-F Datasheet HTML 6Page - Panasonic Semiconductor HP4-DC100V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HP
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. For the AC coil types, the operate/release time will differ depending on the phase.
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
3. Electrical life
1) AC load
Note: When the electromagnet or exciting coil (Solenoid, etc.) is the load, the value of motor or lamp load is applicable.
2) DC load
Notes: 1. For DC inductive loads, use an arc suppressing circuit.
2. Cautions at DC load use
When used under a DC load operating at high repetition rate with considerable arcing, corrosion of the contacts and/or the contact blades is likely to occur.
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C, 3 Form C, 4 Form C
Contact resistance (Initial)
Max. 15 m
Ω (By voltage drop 6 V DC 1A)
Contact material
2 Form C, 3 Form C
Ag
4 Form C
Ag alloy (cd free)
Rating
Nominal switching capacity
10A 250V AC (resistive load)
Min. switching capacity (Reference value)*1
100mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min (2 Form C, 4 Form C).
2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.)
Between contact sets
1,500 Vrms for 1min (2 Form C, 4 Form C).
2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.)
Between contact and coil
1,500 Vrms for 1min (2 Form C, 4 Form C).
2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.)
Temperature rise (coil)
Max. 65
°C 149°F (By temperature method, at 40°C, nominal current)
Operate time*2
Max. 25ms (2 Form C), Max.30ms (3 Form C, 4 Form C)
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time*2
Max. 25ms (2 Form C), Max.30ms (3 Form C, 4 Form C)
(Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2 mm
Expected life
Mechanical
Min. 107
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –50
°C to +40°C –58°F to +104°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. Operating speed
20 times/min. (at max. rating)
Unit weight
2 Form C: approx. 60g 2.12oz, 3 Form C: approx. 100g 3.53oz, 4 Form C: approx. 125g 4.41oz
Voltage
125V AC
250V AC
Expected life
Load
Resistive load (A) (cos
ϕ=1)
Inductive load (A) (cos
ϕ=0.4)
Resistive load (A) (cos
ϕ=1)
Inductive load (A) (cos
ϕ=0.4)
Current
——
10
7.5
Min. 2
×105
10
7.5
7.5
5
Min. 5
×105
5332
Min. 106
1
0.7
0.6
0.4
Min. 2
×106
Voltage
24V DC
125V DC
Expected life
Load
Resistive load (A)
Inductive load (A)
Resistive load (A)
Inductive load (A)
Current
—7—
Min. 2
×105
7.5
5
0.5
0.4
Min. 5
×105
53
0.3
0.2
Min. 106
1
0.6
0.1
0.06
Min. 2
×106
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HP4-DC100V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP4-DC110V NAIS-HP4-DC110V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP4-DC110V PANASONIC-HP4-DC110V Datasheet
312Kb / 11P
   Interchangeable with existing models
logo
Nais(Matsushita Electri...
HP4-DC12V NAIS-HP4-DC12V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP4-DC12V PANASONIC-HP4-DC12V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP4-DC100V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com