Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK8L30124BG Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK8L30124BG
Description  Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK8L30124BG Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK8L30124BG Datasheet HTML 1Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 2Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 3Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 4Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 5Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 6Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 7Page - Panasonic Semiconductor AXK8L30124BG Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7L, 8L
ACCTB28E 20121
1-T
EMBOSSED TAPE DIMENSIONS (unit: mm) (Common for respective contact type, socket and header)
TABLE OF DIMENSIONS
Connector orientation with respect to direction of progress of embossed tape
Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Common for
socket and header:
0.9mm
Max. 24
Tape I
16.0
7.5
17.4
3000
26 to 70
Tape I
24.0
11.5
25.4
3000
80
Tape II
32.0
28.4
14.2
33.4
3000
Tape dimensions (Conforming to JIS C 0806-1990. However,
some tapes have mounting hole pitches that do not comply with
the standard.)
Tape I
Tape II
1.75
C
8.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
Plastic reel dimensions (Conforming to EIAJ ET–7200B)
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
D
±1
Type
Direction of
tape progress
Common for F4
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.


Similar Part No. - AXK8L30124BG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK8L30125BG PANASONIC-AXK8L30125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
More results

Similar Description - AXK8L30124BG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
logo
CTS Corporation
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com