Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP1640T-IMC Datasheet(PDF) 3 Page - Microchip Technology

Part No. MCP1640T-IMC
Description  0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-IMC Datasheet(HTML) 3 Page - Microchip Technology

  MCP1640T-IMC Datasheet HTML 1Page - Microchip Technology MCP1640T-IMC Datasheet HTML 2Page - Microchip Technology MCP1640T-IMC Datasheet HTML 3Page - Microchip Technology MCP1640T-IMC Datasheet HTML 4Page - Microchip Technology MCP1640T-IMC Datasheet HTML 5Page - Microchip Technology MCP1640T-IMC Datasheet HTML 6Page - Microchip Technology MCP1640T-IMC Datasheet HTML 7Page - Microchip Technology MCP1640T-IMC Datasheet HTML 8Page - Microchip Technology MCP1640T-IMC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2011 Microchip Technology Inc.
DS22234B-page 3
MCP1640/B/C/D
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
EN, FB, VIN, VSW, VOUT - GND ...........................+6.5V
EN, FB ........... <greater of VOUT or VIN > (GND - 0.3V)
Output Short Circuit Current....................... Continuous
Output Current Bypass Mode........................... 400 mA
Power Dissipation ............................ Internally Limited
Storage Temperature .........................-65oC to +150oC
Ambient Temp. with Power Applied......-40oC to +85oC
Operating Junction Temperature........-40oC to +125oC
ESD Protection On All Pins:
HBM........................................................ 3 kV
MM........................................................ 300 V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT =3.3V, IOUT =15 mA,
TA = +25°C.
Boldface specifications apply over the TA range of -40
oC to +85oC.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Characteristics
Minimum Startup Voltage
VIN
—0.65
0.8
V
Note 1
Minimum Input Voltage After
Start-Up
VIN
—0.35
V
Note 1
Output Voltage Adjust Range
VOUT
2.0
5.5
VVOUT  VIN; Note 2
Maximum Output Current
IOUT
100
150
mA
1.2V VIN, 2.0V VOUT
150
mA
1.5V VIN, 3.3V VOUT
350
mA
3.3V VIN, 5.0V VOUT
Feedback Voltage
VFB
1.175
1.21
1.245
V—
Feedback Input Bias Current
IVFB
—10
pA
Quiescent Current – PFM
Mode
IQPFM
19
30
µA
Measured at VOUT = 4.0V;
EN = VIN, IOUT = 0 mA;
Note 3
Quiescent Current – PWM
Mode
IQPWM
220
µA
Measured at VOUT; EN = VIN
IOUT = 0 mA; Note 3
Quiescent Current – Shutdown
IQSHDN
—0.7
2.3
µA
VOUT = EN = GND;
Includes N-Channel and
P-Channel Switch Leakage
NMOS Switch Leakage
INLK
—0.3
1
µA
VIN = VSW = 5V;
VOUT = 5.5V
VEN = VFB = GND
PMOS Switch Leakage
IPLK
0.05
0.2
µA
VIN = VSW = GND;
VOUT = 5.5V
NMOS Switch ON Resistance
RDS(ON)N
—0.6
VIN = 3.3V, ISW = 100 mA
Note 1:
3.3 K
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQ is measured from VOUT; VIN quiescent current will vary with boost ratio. VIN quiescent current can be
estimated by: (IQPFM * (VOUT/VIN)), (IQPWM * (VOUT/VIN)).
4:
220
 resistive load, 3.3V
OUT (15 mA).
5:
Peak current limit determined by characterization, not production tested.


Similar Part No. - MCP1640T-IMC

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640T-IMC MICROCHIP-MCP1640T-IMC Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-IMC MICROCHIP-MCP1640T-IMC Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-IMC MICROCHIP-MCP1640T-IMC Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640T-IMC

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
Power IC Ltd.
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
Intersil Corporation
Intersil Corporation
ISL91117 INTERSIL-ISL91117 Datasheet
528Kb / 12P
   High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
Renesas Technology Corp
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz