Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ32MC302 Datasheet(PDF) 2 Page - Microchip Technology

Part # DSPIC33FJ32MC302
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC302 Datasheet(HTML) 2 Page - Microchip Technology

  DSPIC33FJ32MC302 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32MC302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 460 page
background image
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
DS70291G-page 2
© 2007-2012 Microchip Technology Inc.
dsPIC33FJ32MC302/304,
dsPIC33FJ64MCX02/X04 AND
dsPIC33FJ128MCX02/X04 PRODUCT
FAMILIES
The device names, pin counts, memory sizes, and
peripheral availability of each device are listed in
Table 1. The pages that follow show their pinout
diagrams.
TABLE 1:
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
CONTROLLER FAMILIES
Device
Remappable Peripheral
dsPIC33FJ128MC804
44
128
16 26
5
4
4
6, 2
2
2
2
1
3
11
1
9
1
1/1
11
35
QFN
TQFP
dsPIC33FJ128MC802
28
128
16 16
5
4
4
6, 2
2
2
2
1
3
1
1
1
6
0
1/0
2
21 SPDIP
SOIC
QFN-S
dsPIC33FJ128MC204
44
128
8
26
5
4
4
6, 2
2
2
2
0
3
1
1
1
9
0
1/1
11
35
QFN
TQFP
dsPIC33FJ128MC202
28
128
8
16
5
4
4
6, 2
2
2
2
0
3
1
1
1
6
0
1/0
2
21 SPDIP
SOIC
QFN-S
dsPIC33FJ64MC804
44
64
16 26
5
4
4
6, 2
2
2
2
1
3
1
1
1
9
1
1/1
11
35
QFN
TQFP
dsPIC33FJ64MC802
28
64
16 16
5
4
4
6, 2
2
2
2
1
3
1
1
1
6
0
1/0
2
21 SPDIP
SOIC
QFN-S
dsPIC33FJ64MC204
44
64
8
26
5
4
4
6, 2
2
2
2
0
3
1
1
1
9
0
1/1
11
35
QFN
TQFP
dsPIC33FJ64MC202
28
64
8
16
5
4
4
6, 2
2
2
2
0
3
1
1
1
6
0
1/0
2
21 SPDIP
SOIC
QFN-S
dsPIC33FJ32MC304
44
32
4
26
5
4
4
6, 2
2
2
2
0
3
1
1
1
9
0
1/1
11
35
QFN
TQFP
dsPIC33FJ32MC302
28
32
4
16
5
4
4
6, 2
2
2
2
0
3
1
1
1
6
0
1/0
2
21 SPDIP
SOIC
QFN-S
Note
1:
RAM size is inclusive of 2 Kbytes of DMA RAM for all devices except dsPIC33FJ32MC302/304, which include 1 Kbyte of DMA RAM.
2:
Only four out of five timers are remappable.
3:
Only PWM fault pins are remappable.
4:
Only two out of three interrupts are remappable.


Similar Part No. - DSPIC33FJ32MC302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
dsPIC33FJ32MC302 MICROCHIP-dsPIC33FJ32MC302 Datasheet
6Mb / 436P
   High-Performance, 16-bit Digital Signal Controllers
2011
dsPIC33FJ32MC302 MICROCHIP-dsPIC33FJ32MC302 Datasheet
6Mb / 460P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog
11/29/11
More results

Similar Description - DSPIC33FJ32MC302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ64MC204-I MICROCHIP-DSPIC33FJ64MC204-I Datasheet
6Mb / 460P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog
11/29/11
logo
Electronic Film Capacit...
PIC24EP256GU810-I EFC-PIC24EP256GU810-I Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
logo
Microchip Technology
DSPIC33EP512MU814-IPL MICROCHIP-DSPIC33EP512MU814-IPL Datasheet
4Mb / 623P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EP256MU806 MICROCHIP-DSPIC33EP256MU806 Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
PIC24EP32GP202 MICROCHIP-PIC24EP32GP202 Datasheet
5Mb / 526P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, Op Amps and Advanced Analog
11/29/12 2011-2013
DSPIC33EVXXXGM00X MICROCHIP-DSPIC33EVXXXGM00X Datasheet
5Mb / 506P
   16-Bit, 5V Digital Signal Controllers with PWM, SENT, Op Amps and Advanced Analog Features
08/15/18
DSPIC33FJ256MC710A-I MICROCHIP-DSPIC33FJ256MC710A-I Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ128MC706A-HPT MICROCHIP-DSPIC33FJ128MC706A-HPT Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC204T-IPT MICROCHIP-DSPIC33FJ32MC204T-IPT Datasheet
5Mb / 330P
   16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A_13 Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com