Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV0416DSB-7LI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1LV0416DSB-7LI
Description  4M SRAM (256-kword16-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0416DSB-7LI Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1LV0416DSB-7LI Datasheet HTML 1Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 2Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 3Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 4Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 5Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 6Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 7Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 8Page - Renesas Technology Corp R1LV0416DSB-7LI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
R1LV0416D Series
Operation Table
CS1#
CS2
WE#
OE#
UB#
LB#
I/O0 to I/O7
I/O8 to I/O15
Operation
H
×
×
×
×
×
High-Z
High-Z
Standby
×
L
×
×
×
×
High-Z
High-Z
Standby
×
×
×
×
H
H
High-Z
High-Z
Standby
L
H
H
L
L
L
Dout
Dout
Read
L
H
H
L
H
L
Dout
High-Z
Lower byte read
L
H
H
L
L
H
High-Z
Dout
Upper byte read
L
H
L
×
L
L
Din
Din
Write
L
H
L
×
H
L
Din
High-Z
Lower byte write
L
H
L
×
L
H
High-Z
Din
Upper byte write
L
H
H
H
×
×
High-Z
High-Z
Output disable
Note:
H: V
IH, L: VIL, ×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to V
SS
V
CC
−0.5 to +4.6
V
Terminal voltage on any pin relative to V
SS
V
T
−0.5*1 to V
CC + 0.3*
2
V
Power dissipation
P
T
0.7
W
Operating temperature1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +150
°C
Storage temperature range under bias
Tbias
−40 to +85
°C
Notes: 1. V
T min:
−3.0 V for pulse half-width ≤ 30 ns.
2. Maximum voltage is +4.6 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
V
CC
2.7
3.0
3.6
V
Supply voltage
V
SS
0
0
0
V
Input high voltage
V
IH
2.2
V
CC + 0.3
V
Input low voltage
V
IL
−0.3
0.6
V
1
Ambient temperature range
Ta
−40
+85
°C
Note:
1. V
IL min:
−3.0 V for pulse half-width ≤ 30 ns.
Rev.1.00, May.24.2007, page 5 of 15


Similar Part No. - R1LV0416DSB-7LI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0416DSB-7LI RENESAS-R1LV0416DSB-7LI Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
More results

Similar Description - R1LV0416DSB-7LI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
   4M SRAM (256-kword 횞 16-bit)
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1RW0416DI RENESAS-R1RW0416DI Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
R1RP0416DI RENESAS-R1RP0416DI_15 Datasheet
119Kb / 16P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
logo
Hitachi Semiconductor
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416DI RENESAS-R1RW0416DI_10 Datasheet
472Kb / 13P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com