Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9914BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9914BCPZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9914BCPZ Datasheet HTML 2Page - Analog Devices AD9914BCPZ Datasheet HTML 3Page - Analog Devices AD9914BCPZ Datasheet HTML 4Page - Analog Devices AD9914BCPZ Datasheet HTML 5Page - Analog Devices AD9914BCPZ Datasheet HTML 6Page - Analog Devices AD9914BCPZ Datasheet HTML 7Page - Analog Devices AD9914BCPZ Datasheet HTML 8Page - Analog Devices AD9914BCPZ Datasheet HTML 9Page - Analog Devices AD9914BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9914
Data Sheet
Rev. C | Page 6 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PARALLEL PORT TIMING
Write Timing
Address Setup Time to
WR Active
1
ns
Address Hold Time to
WR Inactive
0
ns
Data Setup Time to
WR Inactive
3.8
ns
Data Hold Time to
WR Inactive
0
ns
WR Minimum Low Time
2.1
ns
WR Minimum High Time
3.8
ns
Minimum
WR Time
10.5
ns
Read Timing
Address to Data Valid
92
ns
Address Hold to
RD Inactive
0
ns
RD Active to Data Valid
69
ns
RD Inactive to Data Tristate
50
ns
RD Minimum Low Time
69
ns
RD Minimum High Time
50
ns
SERIAL PORT TIMING
SCLK Clock Rate (1/tCLK )
80
MHz
SCLK duty cycle = 50%
SCLK Pulse Width High, tHIGH
1.5
ns
SCLK Pulse Width Low, tLOW
5.1
ns
SDIO to SCLK Setup Time, tDS
4.9
ns
SDIO to SCLK Hold Time, tDH
0
ns
SCLK Falling Edge to Valid Data on
SDIO/SDO, tDV
78
ns
CS to SCLK Setup Time, tS
4
ns
CS to SCLK Hold Time, tH
0
ns
CS Minimum Pulse Width High, tPWH
4
ns
DATA PORT TIMING
D[31:0] Setup Time to SYNC_CLK
2
ns
D[31:0] Hold Time to SYNC_CLK
0
ns
F[3:0] Setup Time to SYNC_CLK
2
ns
F[3:0] Hold Time to SYNC_CLK
0
ns
IO_UPDATE Pin Setup Time to
SYNC_CLK
2
ns
IO_UPDATE Pin Hold Time to
SYNC_CLK
0
ns
Profile Pin Setup Time to SYNC_CLK
2
ns
Profile Pin Hold Time to SYNC_CLK
0
ns
DR_CTL/DR_HOLD Setup Time to
SYNC_CLK
2
ns
DR_CTL/DR_HOLD Hold Time to
SYNC_CLK
0
ns


Similar Part No. - AD9914BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9914BCPZ AD-AD9914BCPZ Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9914BCPZ-CSL AD-AD9914BCPZ-CSL Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9914BCPZ-REEL7 AD-AD9914BCPZ-REEL7 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9914BCPZ-RL7-CSL AD-AD9914BCPZ-RL7-CSL Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
More results

Similar Description - AD9914BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9915 AD-AD9915 Datasheet
877Kb / 48P
   2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9174 AD-AD9174 Datasheet
2Mb / 163P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com