Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603LS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603LS
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603LS Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603LS_12 Datasheet HTML 1Page - Coilcraft lnc. 0603LS_12 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Document 264-2
Document 264-2 Revised 01/18/12
Chip Inductors– 0603LS Series
Inductance2
Percent
SRF min4
DCR max5
Irms6
Color
Overall
Part number1
(nH)
tolerance
Qmin3
(MHz)
(Ohms)
(A)
code
width
0603LS-47NX_L_
47@7.9MHz
5,2
12@7.9MHz
1500
0.075
1.40
Black
B1
0603LS-51NX_L_
51@7.9MHz
5,2
12@7.9MHz
1400
0.075
1.00
Violet
B1
0603LS-72NX_L_
72@7.9MHz
5,2
12@7.9MHz
1400
0.12
1.40
Brown
B1
0603LS-101X_L_
100@7.9MHz
5,2
12@7.9MHz
1150
0.13
1.40
Red
B1
0603LS-121X_L_
120@7.9MHz
5,2
12@7.9MHz
1100
0.15
1.40
Orange
B1
0603LS-151X_L_
150@7.9MHz
5,2
15@7.9MHz
1050
0.15
1.30
Yellow
B1
0603LS-181X_L_
180@7.9MHz
5,2
15@7.9MHz
950
0.15
1.30
Green
B1
0603LS-241X_L_
240@7.9MHz
5,2
15@7.9MHz
800
0.16
0.95
Violet
B1
0603LS-271X_L_
270@7.9MHz
5,2
15@7.9MHz
775
0.30
0.71
Gray
B1
0603LS-331X_L_
330@7.9MHz
5,2
15@7.9MHz
725
0.46
0.56
White
B1
0603LS-391X_L_
390@7.9MHz
5,2
15@7.9MHz
620
0.51
0.50
Black
B1
0603LS-471X_L_
470@7.9MHz
5,2
15@7.9MHz
540
0.62
0.42
Brown
B1
0603LS-561X_L_
560@7.9MHz
5,2
15@7.9MHz
525
0.44
0.55
Red
B1
0603LS-681X_L_
680@7.9MHz
5,2
15@7.9MHz
260
0.52
0.47
Orange
B2
0603LS-781X_L_
780@7.9MHz
5,2
15@7.9MHz
460
0.83
0.39
Yellow
B1
0603LS-821X_L_
820@7.9MHz
5,2
15@7.9MHz
410
0.69
0.40
Green
B2
0603LS-102X_L_ 1000@7.9MHz
5,2
15@7.9MHz
190
0.81
0.40
Blue
B2
0603LS-122X_L_ 1200@7.9MHz
5,2
15@7.9MHz
160
0.87
0.37
Violet
B2
0603LS-152X_L_ 1500@7.9MHz
5,2
15@7.9MHz
100
0.96
0.35
Gray
B2
0603LS-182X_L_ 1800@7.9MHz
5,2
15@7.9MHz
80
1.1
0.35
White
B2
0603LS-222X_L_ 2200@7.9MHz
5,2
15@7.9MHz
68
1.2
0.32
Black
B2
0603LS-272X_L_ 2700@7.9MHz
5,2
15@7.9MHz
60
1.5
0.28
Brown
B2
0603LS-332X_L_ 3300@7.9MHz
5,2
15@7.9MHz
42
1.5
0.28
Red
B2
0603LS-392X_L_ 3900@7.9MHz
5,2
15@7.9MHz
40
1.6
0.28
Orange
B2
0603LS-472X_L_ 4700@7.9MHz
5,2
15@7.9MHz
34
2.1
0.26
Yellow
B2
0603LS-562X_L_ 5600@7.9MHz
5,2
15@7.9MHz
32
2.6
0.24
Green
B2
0603LS-682X_L_ 6800@7.9MHz
5,2
15@7.9MHz
31
3.1
0.20
Black
B2
0603LS-782X_L_ 7800@7.9MHz
5,2
15@7.9MHz
28
3.5
0.20
Blue
B2
0603LS-822X_L_ 8200@7.9MHz
5,2
15@7.9MHz
26
3.6
0.19
Violet
B2
0603LS-103X_L_ 10,000@2.5MHz
5,2
12@2.5MHz
25
4.8
0.18
Gray
B2
0603LS-153X_L_ 15,000@2.5MHz
5,2
20@2.5MHz
23
7.1
0.17
White
B2
0603LS-183X_L_ 18,000@2.5MHz
5,2
20@2.5MHz
22
7.6
0.16
Brown
B2
0603LS-223X_L_ 22,000@2.5MHz
5,2
22@2.5MHz
19
8.81
0.13
Black
B2
1.Whenordering,specify
tolerance,termination andpackagingcodes:
0603LS-822XJLC
Tolerance:
G =2% J =5% (Tableshowsstocktolerancesinbold.)
Termination: L =RoHScompliantsilver-palladium-platinum-glassfrit.
E=Halogenfreecomponent.RoHScompliantsilver-
palladium-platinum-glassfritterminations.
Specialorder:
T =RoHStin-silver-copper(95.5/4/0.5)
or
S =non-RoHStin-lead(63/37).
Packaging: C =7
″ machine-readyreel. EIA-481embossedplastic
tape(2000partsperfullreel).
B =Lessthanfullreel.Intape,butnotmachineready.
Tohavealeaderandtraileradded($25charge),
usecodeletterCinstead.
2. Inductancemeasuredat0.1Vrms,usingCoilcraftSMD-Afixture
inAgilent/HP4286AimpedanceanalyzerwithCoilcraft-provided
correlationpieces.
3.QmeasuredonAgilent/HP4395AwithAgilent/HP16193testfixture.
4. SRFmeasuredusingAgilent/HP8753DnetworkanalyzerwithCoilcraft
SMD-Dtestfixture.
5. DCRmeasuredonCambridgeTechnologyMicro-ohmmeter.
6. Currentthatcausesa15°Ctemperaturerisefrom25°Cambient.
Becauseoftheiropenconstruction,thesepartswillnotsaturate.
7. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.
A
B
overall
C
Pick and
place
material
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
Note: B1=0.040±0.004in/1,016±0,102mm
B2=0.046±0.004in/1,169±0,102mm
Heightdimension(C)isbeforeoptionalsolderapplication.Formaximum
heightdimensionincludingsolder,add0.006in/0,152mm.
A
C
D
max
B
max
ref
E
F
G
H
I
J
0.071
0.044 0.015 0.030 0.013 0.034 0.040 0.025 0.025inches
1,80
1,12 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
See
note


Similar Part No. - 0603LS_12

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603LS-121XGEB COILCRAFT-0603LS-121XGEB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-121XGEB COILCRAFT-0603LS-121XGEB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-121XGEC COILCRAFT-0603LS-121XGEC Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-121XGEC COILCRAFT-0603LS-121XGEC Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-121XGLB COILCRAFT-0603LS-121XGLB Datasheet
97Kb / 2P
   Chip Inductors - 0603LS (1608)
More results

Similar Description - 0603LS_12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com