Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQG18HN3N3S00J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQG18HN3N3S00J
Description  Chip Coils for High Frequency Monolithic Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG18HN3N3S00J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQG18HN3N3S00J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQG18HN3N3S00J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
Coils/Inductors/Microchip Transformer > Chip Coils > for High Frequency Monolithic Type
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC Resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQG18HNR10J00p
100nH
±5%
100MHz
300mA
0.90ohm
12
100MHz
800MHz
100
1000
10000
Frequency (MHz)
200
160
120
80
40
0
3.3nH
10nH
68nH
100
1000
10000
1000
100
10
1
68nH
10nH
3.3nH
Frequency (MHz)
Operating Temperature Range: -40
°C to +85°C
Only for reflow soldering.
I Q - Frequency Characteristics (Typ.)
I Inductance - Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQG18HN3N3S00J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQG18HN3N3S00J MURATA-LQG18HN3N3S00J Datasheet
70Kb / 2P
   Inductance
More results

Similar Description - LQG18HN3N3S00J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18NN1R8K00D MURATA-LQM18NN1R8K00D Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
LQM18NN1R0K00D MURATA-LQM18NN1R0K00D Datasheet
117Kb / 4P
   Chip Coils for General Use Monolithic Type
LQM31PN1R0M00L MURATA-LQM31PN1R0M00L Datasheet
33Kb / 1P
   Chip Coils for DC-DC Converter Monolithic Type
LQW15ANR10J00D MURATA-LQW15ANR10J00D Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQM21PNR47MC0D MURATA-LQM21PNR47MC0D Datasheet
33Kb / 1P
   Chip Inductors (Chip Coils) for DC-DC Converter Monolithic Type LQM21P Series
logo
Kemet Corporation
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-10020 KEMET-SU10VD-10020 Datasheet
275Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SC-10-D050 KEMET-SC-10-D050 Datasheet
423Kb / 4P
   SC Coils, SC-D High Frequency Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com