Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH2HPN4R7MG0L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH2HPN4R7MG0L
Description  Chip Inductor Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH2HPN4R7MG0L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH2HPN4R7MG0L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH2HPN4R7MG0L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
2012.5.10
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH2HP_G0 Series (1008 Size)
c Dimensions
2.5±0.2
0.85±0.3
0.85±0.3
(in mm)
2.0±0.2
Polarity Marking
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
3000
c Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH2HPN2R2MG0
p
2.2µH ±20%
1640mA
1000mA
0.17ohm ±20%
80MHz
LQH2HPN3R3MG0
p
3.3µH ±20%
1290mA
810mA
0.27ohm ±20%
65MHz
LQH2HPN4R7MG0
p
4.7µH ±20%
1000mA
700mA
0.36ohm ±20%
60MHz
LQH2HPN6R8MG0
p
6.8µH ±20%
800mA
590mA
0.5ohm ±20%
10MHz
LQH2HPN100MG0
p
10µH ±20%
700mA
490mA
0.73ohm ±20%
10MHz
LQH2HPN220MG0
p
22µH ±20%
490mA
340mA
1.6ohm ±20%
10MHz
LQH2HPN101MG0
p
100µH ±20%
210mA
130mA
10ohm ±20%
5MHz
Test Frequency: 1MHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
Only for reflow soldering.
c Notice (Rated Current)
Inductance will be more than the value which is
30% down from minimum rated Inductance value.
When Rated Current is applied to the Products,
self-generation of heat will rise to 40°C or less.
Continued on the following page.


Similar Part No. - LQH2HPN4R7MG0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HPN4R7MGR MURATA1-LQH2HPN4R7MGR Datasheet
433Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
More results

Similar Description - LQH2HPN4R7MG0L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4235TTED221K KOA-LPC4235TTED221K Datasheet
234Kb / 2P
   power chip inductor
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com