Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46DR86400B-37CBLA2 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS46DR86400B-37CBLA2
Description  512Mb (x8, x16) DDR2 SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR86400B-37CBLA2 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS46DR86400B-37CBLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IS43/46DR86400B, IS43/46DR16320B
Integrated Silicon Solution, Inc. – www.issi.com –
10
Rev. I, 8/01/2012
Clock Enable (CKE) Truth Table
Previous Cycle(1)(N-1)
Current Cycle(1)(N)
L
L
X
Maintain Power-Down
11, 13, 15
L
H
Deselect or NOP
Power Down Exit
4, 8, 11, 13
L
L
X
Maintain Self-Refresh
11, 15, 16
L
H
Deselect or NOP
Self-Refresh Exit
4, 5, 9, 16
Bank(s) Active
H
L
Deselect or NOP
Active Power Down Entry
4, 8, 10, 11, 13
H
L
Deselect or NOP
Precharge Power Down Entry
4, 8, 10, 11, 13
H
L
Refresh
Self-Refresh Entry
6, 9, 11, 13
H
H
7
Refer to the Command Truth Table
Notes
Power Down
Self Refresh
All Banks Idle
Current State(2)
CKE
Command (N)(3)
RAS#, CAS#, WE#, CS#
Action (N)(3)
Notes:
1.
CKE (N) is the logic state of CKE at clock edge N; CKE (N–1) was the state of CKE at the previous clock edge.
2.
Current state is the state of the DDR2 SDRAM immediately prior to clock edge N.
3.
COMMAND (N) is the command registered at clock edge N, and ACTION (N) is a result of COMMAND (N).
4.
All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this document.
5.
On Self Refresh Exit, DESELECT or NOP commands must be issued on every clock edge occurring during the tXSNR period. Read commands may be issued only
after tXSRD (200 clocks) is satisfied.
6.
Self Refresh mode can only be entered from the All Banks Idle state.
7.
Must be a legal command as defined in the Command Truth Table.
8.
Valid commands for Power Down Entry and Exit are NOP and DESELECT only.
9.
Valid commands for Self Refresh Exit are NOP and DESELECT only.
10. Power Down and Self Refresh cannot be entered while Read or Write operations, (Extended) Mode Register Set operations or Precharge operations are in
progress.
11. tCKEmin of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE must remain at the valid input level the entire time it takes to
achieve the 3 clocks of registration. Thus, after any CKE transition, CKE may not transition from its valid level during the time period of tIS + 2 x tCK + tIH.
12. The state of ODT does not affect the states described in this table. The ODT function is not available during Self Refresh.
13. The Power Down does not perform any refresh operations. The duration of Power Down Mode is therefore limited by the refresh requirements outlined in this
datasheet.
14. CKE must be maintained HIGH while the DDRII SDRAM is in OCD calibration mode.
15. “X” means “Don’t Care (including floating around VREF)” in Self Refresh and Power Down. However ODT must be driven HIGH or LOW in Power Down if the ODT
function is enabled (Bit A2 or A6 set to “1” in EMR[1]).
16. VREF must be maintained during Self Refresh operation.
Data Mask (DM) Truth Table
Name (Functional)
DM
DQs
Note
Write Enable
L
Valid
1
Write Inhibit
H
X
1
Note:
1.
Used to mask write data, provided coincident with the corresponding data.


Similar Part No. - IS46DR86400B-37CBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR86400D ISSI-IS46DR86400D Datasheet
1Mb / 48P
   Differential data strobe
More results

Similar Description - IS46DR86400B-37CBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com