Electronic Components Datasheet Search |
|
E39-L104 Datasheet(PDF) 11 Page - Omron Electronics LLC |
|
E39-L104 Datasheet(HTML) 11 Page - Omron Electronics LLC |
11 / 19 page E39-L/F39-L/E39-S/E39-R 11 E39-L116 7.5 (17.8) 4.1 Two, 3.4 (Two, R2) (Two, R2) (Two, R1.1) (Two, R1.2) (Two, R1.7) 5 1.6 4 11 9.5 2.2 31.2 2.4 10 90 ° 1.2 R1.5 max. 7 15 20.5 9 Three, M2 (Four, R2) 3 Nut Plate Material: Stainless steel (SUS304) 1.2-mm-thick 3.1 3.1 18 11.5 11.2 3.4 4.5 Two, R2 (Two, R1.7) (Two, R1.7) 90 ° R1 max. 2.4 (23) 15 9 4 9 Two, 2.2 5 5 10 (11.2) (Two, R1.1) (Two, R2) 1.2 7 15 20.5 9 Three, M2 (Four, R2) 3 Nut Plate E39-L117 Material: Stainless steel (SUS304) 1.2-mm-thick E39-L118 90 ° 90 ° 11.5 11.5 22.7 5 2.4 Two, 2.2 4 9 9 15 4.5 (Two, R1.7) 5 3.4 (Four, R2) (Two, R1.1) (23) 18 11.5 3.1 3.1 1.2 7 15 20.5 9 Three, M2 (Four, R2) 3 Nut Plate Material: Stainless steel (SUS304) 1.2-mm-thick E39-L119 12 16 90 ° 8 Four, M2 Tap processing 9 7 3.2 2.4 8 2.4 15 10.5 1.2 Material: Stainless steel (SUS304) 1.2-mm-thick 12 16 8 Four, M2 Tap processing 13.5 6 3.2 2.4 2.4 8 14 22.5 4.2 (5.4) 1.2 E39-L120 Material: Stainless steel (SUS304) 1.2-mm-thick E39-L127-T1 E39-L127-T2 E39-L127-T3 4 A 20 Two, 5 dia. A+24 5.6 Four, M2.3 (Mounting sensor screws) 2.3 7.5 12 5.6 1.6 20 Four, 3.2 dia. (Mounting bracket holes) 10 30 15 9 Material: Iron Model Dimension A (mm) E39-L127-T1 10 E39-L127-T2 20 E39-L127-T3 30 |
Similar Part No. - E39-L104 |
|
Similar Description - E39-L104 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |