Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT47H64M8B6-25ELDTR Datasheet(PDF) 35 Page - Micron Technology

Part # MT47H64M8B6-25ELDTR
Description  512Mb: x4, x8, x16 DDR2 SDRAM
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT47H64M8B6-25ELDTR Datasheet(HTML) 35 Page - Micron Technology

Back Button MT47H64M8B6-25ELDTR Datasheet HTML 31Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 32Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 33Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 34Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 35Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 36Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 37Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 38Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 39Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 133 page
background image
Table 12: AC Operating Specifications and Conditions (Continued)
Not all speed grades listed may be supported for this device; refer to the title page for speeds supported; Notes: 1–5 apply to the entire table;
VDDQ = 1.8V ±0.1V, VDD = 1.8V ±0.1V
AC Characteristics
-187E
-25E
-25
-3E
-3
-37E
-5E
Units Notes
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Input setup time
tISb
125
175
175
200
200
250
350
ps
31, 33
Input hold time
tIHb
200
250
250
275
275
375
475
ps
31, 33
Input setup time
tISa
325
375
375
400
400
500
600
ps
31, 33
Input hold time
tIHa
325
375
375
400
400
500
600
ps
31, 33
Input pulse width
tIPW
0.6
0.6
0.6
0.6
0.6
0.6
0.6
tCK
18, 32
ACTIVATE-to-
ACTIVATE delay,
same bank
tRC
54
55
55
54
55
55
55
ns
18, 34,
51
ACTIVATE-to-READ
or WRITE delay
tRCD
13.125
12.5
15
12
15
15
15
ns
18
ACTIVATE-to-
PRECHARGE delay
tRAS
40
70K
40
70K
40
70K
40
70K
40
70K
40
70K
40
70K
ns
18, 34,
35
PRECHARGE period
tRP
13.125
12.5
15
12
15
15
15
ns
18, 36
PRE-
CHARGE
ALL period
<1Gb
tRPA
13.125
12.5
15
12
15
15
15
ns
18, 36
≥1Gb
tRPA
15
15
17.5
15
18
18.75
20
ns
18, 36
ACTIVATE
-to-
ACTIVATE
delay
different
bank
x4, x8
tRRD
7.5
7.5
7.5
7.5
7.5
7.5
7.5
ns
18, 37
x16
tRRD
10
10
10
10
10
10
10
ns
18, 37
4-bank
activate
period
(
≥1Gb)
x4, x8
tFAW
35
35
35
37.5
37.5
37.5
37.5
ns
18, 38
x16
tFAW
45
45
45
50
50
50
50
ns
18, 38


Similar Part No. - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com