Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT47H64M8B6-25ELDTR Datasheet(PDF) 96 Page - Micron Technology

Part # MT47H64M8B6-25ELDTR
Description  512Mb: x4, x8, x16 DDR2 SDRAM
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT47H64M8B6-25ELDTR Datasheet(HTML) 96 Page - Micron Technology

Back Button MT47H64M8B6-25ELDTR Datasheet HTML 92Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 93Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 94Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 95Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 96Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 97Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 98Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 99Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 100Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 133 page
background image
Figure 47: READ Interrupted by READ
T0
T1
T2
Don’t Care
Transitioning Data
T3
T4
T5
T6
Command
READ1
NOP2
NOP2
Valid
Valid
Valid
READ3
Valid
Valid
Valid
T7
T8
T9
CK
CK#
CL = 3 (AL = 0)
tCCD
Address
Valid4
Valid4
CL = 3 (AL = 0)
DQ
DO
DO
DO
DO
DO
DO
DO
DO
DO
DO
DO
DO
A10
Valid5
DQS, DQS#
Notes:
1. BL = 8 required; auto precharge must be disabled (A10 = LOW).
2. NOP or COMMAND INHIBIT commands are valid. PRECHARGE command cannot be is-
sued to banks used for READs at T0 and T2.
3. Interrupting READ command must be issued exactly 2 × tCK from previous READ.
4. READ command can be issued to any valid bank and row address (READ command at T0
and T2 can be either same bank or different bank).
5. Auto precharge can be either enabled (A10 = HIGH) or disabled (A10 = LOW) by the in-
terrupting READ command.
6. Example shown uses AL = 0; CL = 3, BL = 8, shown with nominal tAC, tDQSCK, and
tDQSQ.
Figure 48: READ-to-WRITE
CK
CK#
T0
T1
T2
Don’t Care
Transitioning Data
T3
T4
T5
T6
T7
T8
T9
T10
T11
AL = 2
CL = 3
RL = 5
WL = RL - 1 = 4
tRCD = 3
Command
ACT n
NOP
NOP
NOP
NOP
NOP
NOP
READ n
NOP
NOP
NOP
WRITE
DQS, DQS#
DQ
DO
n
DO
n + 1
DO
n + 2
DO
n + 3
DI
n
DI
n + 1
DI
n + 2
DI
n + 3
Notes:
1. BL = 4; CL = 3; AL = 2.
2. Shown with nominal tAC, tDQSCK, and tDQSQ.
READ with Precharge
A READ burst may be followed by a PRECHARGE command to the same bank, provided
auto precharge is not activated. The minimum READ-to-PRECHARGE command spac-
ing to the same bank has two requirements that must be satisfied: AL + BL/2 clocks and
tRTP. tRTP is the minimum time from the rising clock edge that initiates the last 4-bit
prefetch of a READ command to the PRECHARGE command. For BL = 4, this is the time
from the actual READ (AL after the READ command) to PRECHARGE command. For
BL = 8, this is the time from AL + 2 × CK after the READ-to-PRECHARGE command. Fol-
512Mb: x4, x8, x16 DDR2 SDRAM
READ
PDF: 09005aef82f1e6e2
512MbDDR2.pdf - Rev. T 2/12 EN
96
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2004 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com