Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT47H64M8B6-25ELDTR Datasheet(PDF) 73 Page - Micron Technology

Part # MT47H64M8B6-25ELDTR
Description  512Mb: x4, x8, x16 DDR2 SDRAM
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT47H64M8B6-25ELDTR Datasheet(HTML) 73 Page - Micron Technology

Back Button MT47H64M8B6-25ELDTR Datasheet HTML 69Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 70Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 71Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 72Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 73Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 74Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 75Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 76Page - Micron Technology MT47H64M8B6-25ELDTR Datasheet HTML 77Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
Table 39: Truth Table – Current State Bank n – Command to Bank m
Notes: 1–6 apply to the entire table
Current State
CS#
RAS#
CAS#
WE#
Command/Action
Notes
Any
H
X
X
X
DESELECT (NOP/continue previous operation)
L
H
H
H
NO OPERATION (NOP/continue previous operation)
Idle
X
X
X
X
Any command otherwise allowed to bank m
Row
active, active,
or precharge
L
L
H
H
ACTIVATE (select and activate row)
L
H
L
H
READ (select column and start READ burst)
7
L
H
L
L
WRITE (select column and start WRITE burst)
7
L
L
H
L
PRECHARGE
Read (auto
precharge
disabled)
L
L
H
H
ACTIVATE (select and activate row)
L
H
L
H
READ (select column and start new READ burst)
7
L
H
L
L
WRITE (select column and start WRITE burst)
7, 8
L
L
H
L
PRECHARGE
Write (auto
precharge
disabled)
L
L
H
H
ACTIVATE (select and activate row)
L
H
L
H
READ (select column and start READ burst)
7, 9, 10
L
H
L
L
WRITE (select column and start new WRITE burst)
7
L
L
H
L
PRECHARGE
Read (with
auto
precharge)
L
L
H
H
ACTIVATE (select and activate row)
L
H
L
H
READ (select column and start new READ burst)
7
L
H
L
L
WRITE (select column and start WRITE burst)
7, 8
L
L
H
L
PRECHARGE
Write (with
auto
precharge)
L
L
H
H
ACTIVATE (select and activate row)
L
H
L
H
READ (select column and start READ burst)
7, 10
L
H
L
L
WRITE (select column and start new WRITE burst)
7
L
L
H
L
PRECHARGE
Notes:
1. This table applies when CKEn - 1 was HIGH and CKEn is HIGH and after tXSNR has been
met (if the previous state was self refresh).
2. This table describes an alternate bank operation, except where noted (the current state
is for bank n and the commands shown are those allowed to be issued to bank m, as-
suming that bank m is in such a state that the given command is allowable). Exceptions
are covered in the notes below.
3. Current state definitions:
Idle:
The bank has been precharged, tRP has been met, and any READ
burst is complete.
Row active:
A row in the bank has been activated and tRCD has been met.
No data bursts/accesses and no register accesses are in progress.
Read:
A READ burst has been initiated with auto precharge disabled
and has not yet terminated.
Write:
A WRITE burst has been initiated with auto precharge disabled
and has not yet terminated.
512Mb: x4, x8, x16 DDR2 SDRAM
Commands
PDF: 09005aef82f1e6e2
512MbDDR2.pdf - Rev. T 2/12 EN
73
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2004 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT47H64M8B6-25ELDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com