Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT47H32M16CC3B Datasheet(PDF) 48 Page - Micron Technology

Part # MT47H32M16CC3B
Description  512Mb: x4, x8, x16 DDR2 SDRAM
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT47H32M16CC3B Datasheet(HTML) 48 Page - Micron Technology

Back Button MT47H32M16CC3B Datasheet HTML 44Page - Micron Technology MT47H32M16CC3B Datasheet HTML 45Page - Micron Technology MT47H32M16CC3B Datasheet HTML 46Page - Micron Technology MT47H32M16CC3B Datasheet HTML 47Page - Micron Technology MT47H32M16CC3B Datasheet HTML 48Page - Micron Technology MT47H32M16CC3B Datasheet HTML 49Page - Micron Technology MT47H32M16CC3B Datasheet HTML 50Page - Micron Technology MT47H32M16CC3B Datasheet HTML 51Page - Micron Technology MT47H32M16CC3B Datasheet HTML 52Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 133 page
background image
Output Electrical Characteristics and Operating Conditions
Table 18: Differential AC Output Parameters
Parameter
Symbol
Min
Max
Units
Notes
AC differential cross-point voltage
VOX(AC)
0.50 × VDDQ - 125
0.50 × VDDQ + 125
mV
1
AC differential voltage swing
Vswing
1.0
mV
Note:
1. The typical value of VOX(AC) is expected to be about 0.5 × VDDQ of the transmitting de-
vice and VOX(AC) is expected to track variations in VDDQ. VOX(AC) indicates the voltage at
which differential output signals must cross.
Figure 13: Differential Output Signal Levels
Crossing point
V
OX
V
SSQ
Vswing
V
DDQ
V
TR
V
CP
Table 19: Output DC Current Drive
Parameter
Symbol
Value
Units
Notes
Output MIN source DC current
IOH
–13.4
mA
1, 2, 4
Output MIN sink DC current
IOL
13.4
mA
2, 3, 4
Notes:
1. For IOH(DC); VDDQ = 1.7V, VOUT = 1,420mV. (VOUT - VDDQ)/IOH must be less than 21Ω for val-
ues of VOUT between VDDQ and VDDQ - 280mV.
2. For IOL(DC); VDDQ = 1.7V, VOUT = 280mV. VOUT/IOL must be less than 21Ω for values of VOUT
between 0V and 280mV.
3. The DC value of VREF applied to the receiving device is set to VTT.
4. The values of IOH(DC) and IOL(DC) are based on the conditions given in Notes 1 and 2. They
are used to test device drive current capability to ensure VIH,min plus a noise margin and
VIL,max minus a noise margin are delivered to an SSTL_18 receiver. The actual current val-
ues are derived by shifting the desired driver operating point (see output IV curves)
along a 21
Ω load line to define a convenient driver current for measurement.
512Mb: x4, x8, x16 DDR2 SDRAM
Output Electrical Characteristics and Operating Conditions
PDF: 09005aef82f1e6e2
512MbDDR2.pdf - Rev. T 2/12 EN
48
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2004 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT47H32M16CC3B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
More results

Similar Description - MT47H32M16CC3B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com