Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT47H16M16BG-3ITB Datasheet(PDF) 41 Page - Micron Technology

Part # MT47H16M16BG-3ITB
Description  256Mb: x4, x8, x16 DDR2 SDRAM
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT47H16M16BG-3ITB Datasheet(HTML) 41 Page - Micron Technology

Back Button MT47H16M16BG-3ITB Datasheet HTML 37Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 38Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 39Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 40Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 41Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 42Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 43Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 44Page - Micron Technology MT47H16M16BG-3ITB Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 129 page
background image
Input Electrical Characteristics and Operating Conditions
Table 14: Input DC Logic Levels
All voltages are referenced to VSS
Parameter
Symbol
Min
Max
Units
Input high (logic 1) voltage
VIH(DC)
VREF(DC) + 125
VDDQ1
mV
Input low (logic 0) voltage
VIL(DC)
–300
VREF(DC) - 125
mV
Note:
1. VDDQ + 300mV allowed provided 1.9V is not exceeded.
Table 15: Input AC Logic Levels
All voltages are referenced to VSS
Parameter
Symbol
Min
Max
Units
Input high (logic 1) voltage (-37E/-5E)
VIH(AC)
VREF(DC) + 250
VDDQ1
mV
Input high (logic 1) voltage (-187E/-25E/-25/-3E/-3)
VIH(AC)
VREF(DC) + 200
VDDQ1
mV
Input low (logic 0) voltage (-37E/-5E)
VIL(AC)
–300
VREF(DC) - 250
mV
Input low (logic 0) voltage (-187E/-25E/-25/-3E/-3)
VIL(AC)
–300
VREF(DC) - 200
mV
Note:
1. Refer to AC Overshoot/Undershoot Specification (page 51).
Figure 11: Single-Ended Input Signal Levels
650mV
775mV
864mV
882mV
900mV
918mV
936mV
1,025mV
1,150mV
V
IL(AC)
V
IL(DC)
V
REF - AC noise
V
REF - DC error
V
REF + DC error
V
REF + AC noise
V
IH(DC)
V
IH(AC)
Note:
1. Numbers in diagram reflect nominal DDR2-400/DDR2-533 values.
256Mb: x4, x8, x16 DDR2 SDRAM
Input Electrical Characteristics and Operating Conditions
PDF: 09005aef8117c187
256MbDDR2.pdf - Rev. N 7/11 EN
41
Micron Technology, Inc. reserves the right to change products or specifications without notice.
‹ 2003 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT47H16M16BG-3ITB

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H128M16 MICRON-MT47H128M16 Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16 MICRON-MT47H128M16 Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
More results

Similar Description - MT47H16M16BG-3ITB

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_99 Datasheet
2Mb / 77P
   Synchronous DRAM 256Mb: x4, x8, x16 SDRAM
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com