Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV102416BLL-10MA3 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS64WV102416BLL-10MA3
Description  1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV102416BLL-10MA3 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS64WV102416BLL-10MA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64WV102416BLL-10MA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev.  F
05/09/12
IS61WV102416ALL
IS61WV102416BLL
IS64WV102416BLL
POWER SUPPLY CHARACTERISTICS(1)(OverOperatingRange)
-8 
-10 
-20 
  Symbol  Parameter 
Test Conditions 
  Min.  Max. 
Min.  Max. 
Min.  Max. 
Unit
iCC
VddDynamicOperating Vdd=Max.,
Com.
110
90
50
mA
SupplyCurrent
iOut=0mA,f=fmaX
Ind.
115
95
60
Vin=0.4VorVdd–0.3V Auto.
140
100
typ.(2)
60
iCC1
Operating
Vdd=Max.,
Com.
85
85
45
mA
SupplyCurrent
iOut=0mA,f=0
Ind.
90
90
55
Vin=0.4VorVdd–0.3V Auto.
110
90
isb1
TTLStandbyCurrent
Vdd=Max.,
Com.
30
30
30
mA
(TTLInputs)
Vin=ViHorViL
Ind.
35
35
35
CE
≥ViH,f=0
Auto.
70
70
isb2
CMOSStandby
Vdd=Max.,
Com.
20
20
20
mA
Current(CMOSInputs) CE
≥Vdd–0.2V,
Ind.
25
25
25
Vin
≥Vdd–0.2V,or
Auto.
60
60
Vin
≤ 0.2V,f=0
typ.(2)
4
Note:
1.Atf=fmaX,addressanddatainputsarecyclingatthemaximumfrequency,f=0meansnoinputlineschange.
2.TypicalvaluesaremeasuredatVdd=3.0V,Ta=25oCandnot100%tested.


Similar Part No. - IS64WV102416BLL-10MA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV102416BLL-10MA3 ISSI-IS64WV102416BLL-10MA3 Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS64WV102416BLL-10MA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com