Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV5128BLL-10BA3 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS64WV5128BLL-10BA3
Description  512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV5128BLL-10BA3 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS64WV5128BLL-10BA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS64WV5128BLL-10BA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. I
08/10/09
IS61WV5128ALL/ALS, IS61WV5128BLL/BLS
IS64WV5128BLL/BLS
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-20 ns
-25 ns
-35 ns
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
trC
Read Cycle Time
20
25
35
ns
tAA
Address Access Time
20
25
35
ns
tohA
Output Hold Time
2.5
4
4
ns
tACe
CE
Access Time
20
25
35
ns
tdoe
OE
Access Time
8
12
15
ns
thzoe(2)
OE
to High-Z Output
0
8
0
8
0
10
ns
tlzoe(2)
OE
to Low-Z Output
0
0
0
ns
thzCe(2
CE
to High-Z Output
0
8
0
8
0
10
ns
tlzCe(2)
CE
to Low-Z Output
3
10
10
ns
tPu
Power Up Time
0
0
0
ns
tPd
Power Down Time
20
25
35
ns
Notes:
1. Test conditions assume signal transition times of 1.5 ns or less, timing reference levels of 1.25V, input pulse levels of 0.4V to
Vdd-0.3VandoutputloadingspecifiedinFigure1a.
2. TestedwiththeloadinFigure1b.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. Not 100% tested.


Similar Part No. - IS64WV5128BLL-10BA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV5128BLL/BLS ISSI-IS64WV5128BLL/BLS Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV5128BLL-10BA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com