Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64C1024AL-15TA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS64C1024AL-15TA3
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64C1024AL-15TA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS64C1024AL-15TA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64C1024AL-15TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. D
05/09/2012
IS61C1024AL, IS64C1024AL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.5to+7.0
V
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.5
W
Iout
DCOutputCurrent(LOW)
20
mA
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sectionsofthisspecificationisnotimplied.Exposuretoabsolutemaximumratingcon-
ditionsforextendedperiodsmayaffectreliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
cIn
InputCapacitance
VIn = 0V
5
pF
cout
OutputCapacitance
Vout = 0V
7
pF
Notes:
1.Testedinitiallyandafteranydesignorprocesschangesthatmayaffecttheseparameters.
2. Testconditions:Ta = 25°c, f=1MHz,VDD=5.0V.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
Voh
OutputHIGHVoltage
VDD = Min.,Ioh = –4.0mA
2.4
V
Vol
OutputLOWVoltage
VDD = Min.,Iol = 8.0mA
0.4
V
VIh
InputHIGHVoltage
2.2
VDD + 0.5
V
VIl
InputLOWVoltage(1)
–0.3
0.8
V
IlI
InputLeakage
GND
≤VIn ≤ VDD
Com.
–1
1
µA
Ind.
–2
2
Auto.
–5
5
Ilo
OutputLeakage
GND
≤Vout ≤ VDD
Com.
–1
1
µA
OutputsDisabled
Ind.
–2
2
Auto.
–5
5
Note:
1.VIl = –3.0Vforpulsewidthlessthan10ns.


Similar Part No. - IS64C1024AL-15TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64C1024AL-15TA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com