Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43DR16320B-3DBI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS43DR16320B-3DBI
Description  512Mb (x8, x16) DDR2 SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16320B-3DBI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16320B-3DBI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43DR16320B-3DBI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
IS43/46DR86400B, IS43/46DR16320B
Integrated Silicon Solution, Inc. – www.issi.com –
8
Rev. I, 8/01/2012
DDR2 Extended Mode Register 2 (EMR[2]) Setting
The extended mode register 2 controls refresh related features. The default value of the extended mode register 2 is not defined.
Therefore, the extended mode register must be programmed during initialization for proper operation. The extended mode register
2 is written by asserting LOW on CS, RAS, CAS, WE, BA0, and HIGH on BA1, while controlling pins A0-A13. The DDR2 SDRAM should
be in all bank precharge state with CKE already HIGH prior to writing into extended mode register 2. The mode register set command
cycle time (tMRD) must be satisfied to complete the write operation to the extended mode register 2. Mode register contents can
be changed using the same command and clock cycle requirements during normal operation as long as all banks are in precharge
state.
Extended Mode Register 2 (EMR[2]) Diagram
Address
Field
Mode
Register
BA1
1
BA0
0
A13
(1)
0
A7
0
1
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
-
Full Array
1/2 Array
1/4 Array
Reserved
3/4 array
1/2 array
1/4 array
Partial Array
Self Refresh for 4 Banks
BA [1, 0]
00, 01, 10, 11
Reserved
00, 01
00
-
01, 10, 11
10, 11
11
A0
A2
PASR
(3)
A1
A0
A4
(1)
0
A3
(1)
0
A6
(1)
0
A5
(1)
0
A2
A1
A8
(1)
0
High Temperature Self-Refresh Rate Enable
A7
SRFt
Disable
Enable
(2)
A10
(1)
0
A9
(1)
0
A12
(1)
0
A11
(1)
0
Notes:
1.
A3-A6, and A8-A13 are reserved for future use and must be set to 0 when programming the EMR[2].
2.
Only Industrial and Automotive grade devices support the high temperature Self-Refresh Mode. The controller can set the EMR (2) [A7] bit to enable this self-
refresh rate if Tc > 85°C while in self-refresh operation. TOPER may not be violated.
3.
If PASR (Partial Array Self Refresh) is enabled, data located in areas of the array beyond the specified address range will be lost if self refresh is entered. Data
integrity will be maintained if tREF conditions are met and no Self Refresh command is issued.


Similar Part No. - IS43DR16320B-3DBI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
IS43DR16320D ISSI-IS43DR16320D Datasheet
1Mb / 48P
   Differential data strobe
More results

Similar Description - IS43DR16320B-3DBI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com