Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NF25618-8.5TQ Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS61NF25618-8.5TQ
Description  128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NF25618-8.5TQ Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS61NF25618-8.5TQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61NF25618-8.5TQ Datasheet HTML 20Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
11/11/02
IS61NF12832
IS61NF12836
IS61NF25618
IS61NLF12832
IS61NLF12836
IS61NLF25618
ISSI®
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com
ORDERING INFORMATION
(IS61NLFxxxxx)
Commercial Range: 0°C to +70°C
Frequency
Order Part Number
Package
128Kx32
8.5
IS61NLF12832-8.5TQ
TQFP
IS61NLF12832-8.5B
PBGA
128Kx36
8.5
IS61NLF12836-8.5TQ
TQFP
IS61NLF12836-8.5B
PBGA
10
IS61NLF12836-10TQ
TQFP
256Kx18
8.5
IS61NLF25618-8.5TQ
TQFP
IS61NLF25618-8.5B
PBGA
10
IS61NLF25618-10TQ
TQFP
IS61NLF25618-10B
PBGA
Industrial Range: -40°C to +85°C
Frequency
Order Part Number
Package
128Kx32
10
IS61NLF12832-10TQI
TQFP
128Kx36
10
IS61NLF12836-10TQI
TQFP
IS61NLF12836-10BI
PBGA
256Kx18
10
IS61NLF25618-10TQI
TQFP
IS61NLF25618-10BI
PBGA


Similar Part No. - IS61NF25618-8.5TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
IS61NF25636 ISSI-IS61NF25636 Datasheet
155Kb / 20P
   SRAM
More results

Similar Description - IS61NF25618-8.5TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com