Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100A Datasheet(PDF) 12 Page - Microsemi Corporation

Part # A42MX09-2TQ100A
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-2TQ100A Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button A42MX09-2TQ100A Datasheet HTML 8Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 9Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 10Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 11Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 12Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 13Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 14Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 15Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
40MX and 42MX FPGA Families
1- 8
R ev isio n 1 1
Other Architectural Features
Performance
MX devices can operate with internal clock frequencies of 250 MHz, enabling fast execution of complex
logic functions. MX devices are live on power-up and do not require auxiliary configuration devices and
thus are an optimal platform to integrate the functionality contained in multiple programmable logic
devices. In addition, designs that previously would have required a gate array to meet performance can
be integrated into an MX device with improvements in cost and time-to-market. Using timing-driven
place-and-route (TDPR) tools, designers can achieve highly deterministic device performance.
User Security
Microsemi FuseLock provides robust security against design theft. Special security fuses are hidden in
the fabric of the device and protect against unauthorized users attempting to access the programming
and/or probe interfaces. It is virtually impossible to identify or bypass these fuses without damaging the
device, making Microsemi antifuse FPGAs protected with the highest level of security available from both
invasive and noninvasive attacks.
Special security fuses in 40MX devices include the Probe Fuse and Program Fuse. The former disables
the probing circuitry while the latter prohibits further programming of all fuses, including the Probe Fuse.
In 42MX devices, there is the Security Fuse which, when programmed, both disables the probing circuitry
and prohibits further programming of the device.
Programming
Device programming is supported through the Silicon Sculptor series of programmers. Silicon Sculptor II
is a compact, robust, single-site and multi-site device programmer for the PC. With standalone software,
Silicon Sculptor II is designed to allow concurrent programming of multiple units from the same PC.
Silicon Sculptor II programs devices independently to achieve the fastest programming times possible.
After being programmed, each fuse is verified to insure that it has been programmed correctly.
Furthermore, at the end of programming, there are integrity tests that are run to ensure no extra fuses
have been programmed. Not only does it test fuses (both programmed and nonprogrammed), Silicon
Sculptor II also allows self-test to verify its own hardware extensively.
The procedure for programming an MX device using Silicon Sculptor II is as follows:
1. Load the *.AFM file
2. Select the device to be programmed
3. Begin programming
When the design is ready to go to production, Microsemi offers device volume-programming services
either through distribution partners or via In-House Programming from the factory.
For more details on programming MX devices, please refer to the Programming Antifuse Devices and the
Silicon Sculptor II user's guides.


Similar Part No. - A42MX09-2TQ100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-2TQ100A ETC1-A42MX09-2TQ100A Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100A MICROSEMI-A42MX09-2TQ100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-2TQ100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com