Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-5E41 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-5E41
Description  Photoelectric Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-5E41 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-5E41 Datasheet HTML 1Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 2Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 3Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 4Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 5Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 6Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-5E41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
E3S
E3S
2
Specifications
Ratings/Characteristics
Item
E3S-2
jj
E3S-5
jj
E3S-R2
jj
E3S-DS10
jj
Power supply voltage
12 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max.
Current consumption
50 mA max.
40 mA max.
Sensing distance
2 m
5 m
0.1 to 2 m (with
E39-R1 reflector)
10 cm
Differential travel
---
20% max. of sensing
distance
Standard objects
Opaque (7 mm)
Opaque (11 mm)
Opaque (30 mm)
5 x 5 cm white mat
paper
Control
output
DC
solid-state
Load
Load current: Models with suffix -E4: 80 mA max.
Models with suffix -B4: 100 mA max.
output
solid state
Voltage
output
2 V max.
Response time (ON, OFF)
3 ms max.
1 ms max.
Operation mode
Wire-selectable
Indicators
Light indicator (red), stability indicator (green)
Enclosure rating
IEC 144
IP65
IP67
IP65
NEMA
1, 2, 12
1, 3, 4X, 6, 12
1, 2, 12
Housing material
Plastic
Metal
Plastic
Light source
Infrared LED
Ambient temperature
Operating: –25 to 55
°C
Item
E3S-DS30
jj
E3S-5
j4S(1)
E3S-DS30
j4S(1)
Power supply voltage
12 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max.
Current consumption
40 mA max.
70 mA max.
Sensing distance
30 cm
5 m
30 cm
Differential travel
20% max. of sensing
distance
---
20% max. of sensing
distance
Standard objects
10 x 10 cm white mat paper
Opaque (11 mm)
10 x 10 cm white mat paper
Control
output
DC
solid-state
Load
Load current: Models with suffix -E4: 80 mA max.
Models with suffix -B4: 100 mA max.
output
solid state
Voltage
output
2 V max.
Response time (ON, OFF)
1 ms max.
3 ms max.
1 ms max.
Operation mode
Wire-selectable
Switch selectable
Indicators
Light indicator (red), stability indicator (green)
Enclosure rating
IEC 144
IP67
NEMA
1, 3, 4X, 6, 12
Housing material
Metal
Light source
Infrared LED
Ambient temperature
Operating: –25 to 55
°C


Similar Part No. - E3S-5E41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-5E41 OMRON-E3S-5E41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-5E41 OMRON-E3S-5E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-5E41 OMRON-E3S-5E41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3S-5E41

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3C-S10 OMRON-E3C-S10 Datasheet
302Kb / 16P
   Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com