Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-LS20XB4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-LS20XB4
Description  Photoelectric Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-LS20XB4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-LS20XB4 Datasheet HTML 1Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 2Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 3Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 4Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 5Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 6Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 7Page - Omron Electronics LLC E3S-LS20XB4 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E3S-LS
E3S-LS
2
Specifications
Ratings/Characteristics
Item
E3S-LS10X
j4
E3S-LS20X
j4
E3S-LS3C1D
E3S-LS3RC4
Power supply voltage
12 VDC –10% to 24 VDC +10%,
ripple (p-p): 10% max.
5 VDC –10% to
24 VDC +10%,
ripple (p-p): 10% max.
12 VDC –10% to
24 VDC +10%,
ripple (p-p): 10% max.
Current consumption
40 mA max.
Sensing distance
3 to 10 cm (variable
with distance
adjuster)
5 to 25 cm (variable
with distance
adjuster)
3
±0.5 cm
Differential travel
0.5 mm max. at 3 cm
3 mm max. at 10 cm
5% max.
---
Standard objects
1 x 1 cm white mat
paper
5 x 7.5 cm white mat
paper
1 x 1 cm white mat paper
Control
output
DC
solid-state
Load
Model with suffix -E4:
80 mA max.
Model with suffix -B4:
100 mA max.
30 mA max.
50 mA max.
ou pu
so dsae
Voltage
output
1.1 V max. at 80 mA
2 V max.
Response time (ON, OFF)
1 ms max.
ON: 3 ms
OFF: 100 ms
1 ms max.
Sensitivity
Adjustable
---
Adjustable
Operation mode
Wire-selectable (Refer to “Output Circuit.”)
---
Wire-selectable
(Refer to “Output
Circuit.”
)
Indicators
Light indicator (red), stability indicator (green)
Operation indicator
(red)
Light indicator (red)
Circuit protection
Short circuit
Mutual interference protection
Provided
---
Provided
Enclosure rating
IEC 144
IP67
IP40
NEMA
1, 3, 4X, 6, 12
---
Housing material
Metal
Plastic
Light source
Red LED
Infrared LED
Red LED
Ambient temperature
Operating: –25 to 55
°C
Operating: –10 to 55
°C


Similar Part No. - E3S-LS20XB4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-LS20XB4 OMRON-E3S-LS20XB4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-LS20XB4 OMRON-E3S-LS20XB4 Datasheet
186Kb / 8P
   Photoelectric Sensor
2007.3
More results

Similar Description - E3S-LS20XB4

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3C-S10 OMRON-E3C-S10 Datasheet
302Kb / 16P
   Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com