Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-C
Description  Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-C Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-C Datasheet HTML 1Page - Omron Electronics LLC E3S-C Datasheet HTML 2Page - Omron Electronics LLC E3S-C Datasheet HTML 3Page - Omron Electronics LLC E3S-C Datasheet HTML 4Page - Omron Electronics LLC E3S-C Datasheet HTML 5Page - Omron Electronics LLC E3S-C Datasheet HTML 6Page - Omron Electronics LLC E3S-C Datasheet HTML 7Page - Omron Electronics LLC E3S-C Datasheet HTML 8Page - Omron Electronics LLC E3S-C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
E3S-C
5
I/O Circuit Diagrams
NPN Output
PNP Output
* Models numbers for Through-beam Sensors (E3S-CT
@1(-M1J)) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3S-CT11-L 2M), the model number of the Receiver, by adding "-D"
(example: E3S-CT11-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Plug (Sensor I/O Connector)
Model
Operation
mode
Timing charts
Operation
selector
Output circuits
E3S-CT11(-M1J) *
E3S-CT61(-M1J) *
E3S-CR11(-M1J)
E3S-CR61(-M1J)
E3S-CD11(-M1J)
E3S-CD12(-M1J)
E3S-CD61(-M1J)
E3S-CD62(-M1J)
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between brown
and black leads)
Output
transistor
Load
(e.g. relay)
Through-beam Model Receivers: Retro-reflective Models, Reflective Models
3
1
2
4
1
4
3
ZD
*
ZD
Photo-
electric
Sensor
main
circuit
PNP output
transistor
NPN output
transistor
NPN or PNP
output selector
Load
* Set the NPN or PNP selector to NPN.
Load
current
0 V
Pin 2 is not used.
Connector Pin Arrangement
10 to 30 VDC
Brown
Black
Control output
Blue
Light
indicator
Stability
indicator
(Green)
(Red)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between brown
and black leads)
Output
transistor
Load
(e.g. relay)
Through-beam Model Emitters
Note: Pins 2 and 4 are not used.
3
1
2
4
1
3
Power
indicator
(Red)
Brown
10 to 30 VDC
Blue
Photo-
electric
Sensor
main
circuit
Connector Pin Arrangement
Model
Operation
mode
Timing charts
Operation
selector
Output circuits
E3S-CT11(-M1J) *
E3S-CT61(-M1J) *
E3S-CR11(-M1J)
E3S-CR61(-M1J)
E3S-CD11(-M1J)
E3S-CD12(-M1J)
E3S-CD61(-M1J)
E3S-CD62(-M1J)
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between blue
and black leads)
Output
transistor
Load
(e.g. relay)
3
1
2
4
1
4
3
ZD
*
ZD
Photo-
electric
Sensor
main
circuit
PNP output
transistor
NPN output
transistor
NPN or PNP
output selector
Load
* Set the NPN or PNP selector to NPN.
Load
current
0 V
Pin 2 is not used.
Connector Pin Arrangement
10 to 30 VDC
Brown
Black
Control output
Blue
Light
indicator
Stability
indicator
(Green)
(Red)
Through-beam Model Receivers: Retro-reflective Models, Reflective Models
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between blue
and black leads)
Output
transistor
Load
(e.g. relay)
Note: Pins 2 and 4 are not used.
3
1
2
4
1
3
Through-beam Model Emitters
Power
indicator
(Red)
Brown
10 to 30 VDC
Blue
Photo-
electric
Sensor
main
circuit
Connector Pin Arrangement
Note: Pin 2 is not used.
Clas-
sifica-
tion
Conductor
Connector
pin No.
Application
DC
Brown
1
Power supply (+V)
---
2
---
Blue
3
Power supply (0 V)
Black
4
Output
2
4
1
3
1
2
3
4
Brown
Blue
Black
Terminal No.
XS2F-D421-DC0-A
Refer to Introduction
to Sensor I/O
connectors for
details.


Similar Part No. - E3S-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-C OMRON-E3S-C Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
E3S-CD11 OMRON-E3S-CD11 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD11 OMRON-E3S-CD11 Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
E3S-CD11-M1J OMRON-E3S-CD11-M1J Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results

Similar Description - E3S-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
   Long Range & Wide Area Photoelectric Sensor
logo
Omron Electronics LLC
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
   Long-Range AC/DC Photoelectric Sensor
E3S-CR66 OMRON-E3S-CR66 Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
   Long Range Metal Body Sensor
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
logo
Panasonic Semiconductor
EQ-34 PANASONIC-EQ-34 Datasheet
459Kb / 8P
   Adjustable Range Reflective Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com