Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3G Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3G
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3G Datasheet HTML 1Page - Omron Electronics LLC E3G Datasheet HTML 2Page - Omron Electronics LLC E3G Datasheet HTML 3Page - Omron Electronics LLC E3G Datasheet HTML 4Page - Omron Electronics LLC E3G Datasheet HTML 5Page - Omron Electronics LLC E3G Datasheet HTML 6Page - Omron Electronics LLC E3G Datasheet HTML 7Page - Omron Electronics LLC E3G Datasheet HTML 8Page - Omron Electronics LLC E3G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E3G
5
I/O Circuit Diagrams
NPN Output
PNP Output
Close-range Characteristics
Sensing Distance vs. Sensing Object
Material (at 1-m Setting Distance)
Sensing Distance vs. Sensing Object
Material (at 500-mm Setting Distance)
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3G-R13
E3G-R17
E3G-L73
E3G-L77
Light-ON
L side
(L-ON)
Dark-ON
D side
(D-ON)
2.5
2
1.5
1
0.5
0
Black
paper
(0.5 m)
White
paper
(0.5 m)
Black
paper
(2 m)
White
paper
(2 m)
Material (teaching distance m)
0.51 m
60 mm
53 mm 43 mm
0.52 m
1.24 m
2.03 m
0 mm
1.2
1
0.8
0.6
0.4
0.2
0
Material
600
500
400
300
200
100
0
Material
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
PNP output
transistor
NPN output
transistor
NPN or PNP
output selector
Load
ZD
1
4
3
*
ZD
* Set the NPN or PNP selector to NPN.
Load
current
0 V
Pin 2 is not used.
3
1
2
4
Connector Pin Arrangement
10 to 30 VDC
Brown
Black
Control output
Blue
Operation
indicator
Stability
indicator
(Green)
(Orange)
Photo-
electric
Sensor
main
circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3G-R13
E3G-R17
E3G-L73
E3G-L77
Light-ON
L side
(L-ON)
Dark-ON
D side
(D-ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ZD
*
ZD
3
1
2
4
1
4
3
PNP output
transistor
NPN output
transistor
NPN or PNP
output selector
Load
* Set the NPN or PNP selector to PNP.
Load
current
0 V
Pin 2 is not used.
Connector Pin Arrangement
10 to 30 VDC
Brown
Black
Control output
Blue
Operation
indicator
Stability
indicator
(Green)
(Orange)
Photo-
electric
Sensor
main
circuit
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
Output
transistor
Load
(relay)


Similar Part No. - E3G

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
E3G-8MX FOTEK-E3G-8MX Datasheet
2Mb / 4P
   Pree Power Photo Sensor
E3G-8MXB FOTEK-E3G-8MXB Datasheet
2Mb / 4P
   Pree Power Photo Sensor
logo
Omron Electronics LLC
E3G-L1 OMRON-E3G-L1 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
E3G-L3 OMRON-E3G-L3 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
More results

Similar Description - E3G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com