Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-C25MF22M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E2K-C25MF22M
Description  Long-distance Capacitive Sensor with Adjustable Sensitivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C25MF22M Datasheet(HTML) 7 Page - Omron Electronics LLC

  E2K-C25MF22M Datasheet HTML 1Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 2Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 3Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 4Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 5Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 6Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 7Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 8Page - Omron Electronics LLC E2K-C25MF22M Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
E2K-C
7
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use this product under ambient conditions that exceed the
ratings.
● Design
Influence of Surrounding Metal
When mounting a Proximity Sensor, be sure to provide a distance of
80 mm min. from surrounding metal objects to prevent the Sensor
from being affected by metal objects other than the sensing object.
When mounting the Sensor with the L-shaped Mounting Bracket, be
sure to provide a distance of 20 mm min. between the face of the
sensing head and the Mounting Bracket.
Mutual Interference
When installing Sensors face-to-face or side-by-side, ensure that the
minimum distances given in the following table are maintained.
Mutual Interference (Unit: mm)
Effects of a High-frequency Electromagnetic Field
The E2K-C may malfunction if there is an ultrasonic washer, high-
frequency generator, transceiver, portable telephone or inverter
nearby.
For major measures, refer to Noise of Warranty and Limitations of
Liability for Photoelectric Sensors.
Sensing Objects
• Sensing Object Material
The E2K-C can detect almost any type of object. The sensing
distance of the E2K-C, however, will vary with the electrical
characteristics of the object, such as the conductance and
inductance of the object, and the water content and capacity of the
object. The maximum sensing distance of the E2K-C will be
obtained if the object is made of grounded metal.
• Indirect Detection
To detect objects in metal containers, each metal container must
have a nonmetallic window.
Power ON Conditions
Sensing is enabled within 200 ms for the E2K-C20M
@@. Design the
system so that the power for the Sensor is turned ON before the
power for the load.
● Miscellaneous
Organic Solvents
The Sensor has a case made of heat-resistant ABS resin or PBT
resin. Be sure that the case is free from organic solvents or solutions
containing organic solvents.
WARNING
Precautions for Correct Use
Dimension
A
B
Model
E2K-C25M
@@
100
100
E2K-C20M
@@
105
20 mm min.
80 mm min.
80 mm
min.
80 mm
min.
80 mm
min.
Metal
Be sure to
ground.
Sensing
surface
B
A
Face-to-face Mounting
Parallel Mounting


Similar Part No. - E2K-C25MF22M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C25MF22M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4100 VISHAY-VCNL4100 Datasheet
378Kb / 17P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
Rev. 1.2, 30-Aug-16
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2023
logo
Sharp Corporation
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
   High Sensitivity, Long Focal Distance Type Photointerrupter
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com