Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-C20MC12M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2K-C20MC12M
Description  Long-distance Capacitive Sensor with Adjustable Sensitivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C20MC12M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2K-C20MC12M Datasheet HTML 1Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 2Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 3Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 4Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 5Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 6Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 7Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 8Page - Omron Electronics LLC E2K-C20MC12M Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
E2K-C
Ratings and Specifications
Standard Models
* The set distances are sensing distances applicable to standard sensing objects. Refer to Engineering Data on page 4 for other materials.
Item
Model
E2K-C25M
@1
E2K-C25M
@2
E2K-C25MY1
E2K-C25MY2
Sensing distance
*
25 mm
Sensing distance
adjustable range
3 to 25 mm
Detectable object Conductors and dielectrics
Standard
sensing object
Grounded metal plate: 50
× 50 × 1 mm
Differential travel 15% max. of sensing sensing distance (when adjusted to 25 mm
±10% with standard sensing object)
Response
frequency
70 Hz
10 Hz
Power supply
voltage
(operating
voltage range)
12 to 24 VDC (10 to 40 VDC), ripple (p-p): 10% max.
100 to 220 VAC (90 to 250 VAC), 50/60 Hz
Current
consumption
E and F Models: 10 mA max. at 12 VDC, 16 mA max. at 24 VDC
Leakage current
Y Models: 1 mA max. at 100 VAC (50/60 Hz) with output turned OFF, 2 mA max. at 200 VAC (50/60 Hz) with output turned
OFF
Con-
trol
out-
put
Load
current
200 mA max.
5 to 200 mA (resistive load)
Residual
voltage
2 V max. (Load current: 200 mA, Cable length: 2 m)
Refer to Engineering Data on page 4.
Indicators
Detection indicator (red)
Operation indicator (red)
Operation mode
(with sensing
object approach-
ing)
E1, F1, and Y1 Models: NO
E2, F2, and Y2 Models: NC
Protection
circuits
Reverse polarity protection, Surge suppressor
Surge suppressor
Ambient temper-
ature range
Operating/Storage:
−25 to 70°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±15% max. of sensing distance at 23°C in the temperature range of −10 to 55°C
±25% max. of sensing distance at 23°C in the temperature range of −25 to 70°C
Voltage influence ±
2% max. of sensing distance at the rated voltage in rated
voltage
±15% range
±2% max. of sensing distance at the rated voltage in rated
voltage +20%,
−10% range at 100 VAC, ±20% range at 200
VAC
Insulation
resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric
strength
1,000 VAC, 50/60 Hz for 1 min between current-carrying
parts and case
1,500 VAC, 50/60 Hz for 1 min between current-carrying
parts and case
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance Destruction: 500 m/s2 10 times each in X, Y, and Z directions
Degree of
protection
IEC 60529 IP66
Connection
method
Pre-wired Models (Standard cable length: 2 m)
Weight
(packed state)
Approx. 200 g
Mate-
rials
Case
Heat-resistant ABS
Sensing
surface
Accessories
Mounting Bracket, M4 screws, Instruction manual
Refer to the timing charts under I/O Circuit Diagrams on page 5 for details.


Similar Part No. - E2K-C20MC12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C20MC1 OMRON-E2K-C20MC1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2K-C20MC1 OMRON-E2K-C20MC1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C20MC12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4100 VISHAY-VCNL4100 Datasheet
378Kb / 17P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
Rev. 1.2, 30-Aug-16
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2023
logo
Sharp Corporation
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
   High Sensitivity, Long Focal Distance Type Photointerrupter
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com