Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-C25ME12M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2K-C25ME12M
Description  Long-distance Capacitive Sensor with Adjustable Sensitivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C25ME12M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2K-C25ME12M Datasheet HTML 1Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 2Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 3Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 4Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 5Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 6Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 7Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 8Page - Omron Electronics LLC E2K-C25ME12M Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
E2K-C
5
I/O Circuit Diagrams
DC 3-Wire Models (NPN)
DC 3-Wire Models (PNP)
Sensing Area (Grounded Metal Plate)
Sensing Object Size vs. Sensing Distance
Sensing area
E2K-C25M
@@
E2K-C25M
@@
E2K-C20M
@@
Operation
mode
Model
Timing chart
Output circuit
NO
E2K-C25ME1
NC
E2K-C25ME2
NO
E2K-C20MC1
NC
E2K-C20MC2
Operation
mode
Model
Timing chart
Output circuit
NO
E2K-C25MF1
NC
E2K-C25MF2
5
0
10
15
5
0
−510
−10
15
−15
20
−20
25
−25
5 mm
10 mm
15 mm
20 mm
25 mm
20
25
30
X
Sensing
head
Standard
sensing
object
Sensitivity
adjustment
Sensing head
Distance Y (mm)
20
10
0
5
10
15
20
25
30
X
100
90
80
70
60
50
40
30
Side length of sensing object (mm)
Grounded metal plate
Ungrounded
metal plate (1 t)
Phenolic resin plate (6 t)
Square
sensing
object
0
5
10
15
−15
−20
20
30
25
35
5
010
−515
−10
20
Y
X
Sensing
head
Standard sensing object
Distance Y (mm)
Sensing head
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between brown
and black leads)
Output voltage (between
black and blue leads)
Detection
indicator (red)
Sensing
object
Tr
0 V
+V
4.4 k
Ω
Proximity
Sensor
main
circuit
Load
Brown
Black
*1
Output
*2
Blue
*1. Load current: 200 mA max.
*2. When a transistor is connected.
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between brown
and black leads)
Output voltage (between
black and blue leads)
Detection
indicator (red)
Sensing
object
Sensing
object
(between brown
and black leads)
Operation
Indicator (yellow)
Load
Present
Not present
Operate
Reset
ON
OFF
12 to 24 VDC
0 V
*
* Load current: 250 mA max.
Proximity
Sensor
main
circuit
Load
Brown
Blue
Black
Sensing
object
Operation
Indicator (yellow)
Load
Present
Not present
Operate
Reset
ON
OFF
(between brown
and black leads)
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between blue
and black leads)
Output voltage (between
black and brown leads)
Detection
indicator (red)
Sensing
object
Tr
0 V
+V
4.7 k
Ω
Proximity
Sensor
main
circuit
Load
Brown
Black
*1
*2
Blue
*1. Load current: 200 mA max.
*2. When a transistor is connected.
Present
Not present
Operate
Reset
High
Low
ON
OFF
Load (between blue
and black leads)
Output voltage (between
black and brown leads)
Detection
indicator (red)
Sensing
object


Similar Part No. - E2K-C25ME12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C25ME12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4100 VISHAY-VCNL4100 Datasheet
378Kb / 17P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
Rev. 1.2, 30-Aug-16
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2023
logo
Sharp Corporation
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
   High Sensitivity, Long Focal Distance Type Photointerrupter
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com