Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-C Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2K-C
Description  Long-distance Capacitive Sensor with Adjustable Sensitivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C Datasheet(HTML) 8 Page - Omron Electronics LLC

  E2K-C Datasheet HTML 1Page - Omron Electronics LLC E2K-C Datasheet HTML 2Page - Omron Electronics LLC E2K-C Datasheet HTML 3Page - Omron Electronics LLC E2K-C Datasheet HTML 4Page - Omron Electronics LLC E2K-C Datasheet HTML 5Page - Omron Electronics LLC E2K-C Datasheet HTML 6Page - Omron Electronics LLC E2K-C Datasheet HTML 7Page - Omron Electronics LLC E2K-C Datasheet HTML 8Page - Omron Electronics LLC E2K-C Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
E2K-C
Dimensions
Sensors
Accessories (Order Separately)
E2K-C25M
@@
E2K-C20M
@@
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
20
34 dia.
82
7
13
+
-
Cap
Cable clamp
Screw hole for sensitivity
adjustment
Indicator*
E Models: 6-dia. vinyl-insulated round cable
with 3 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter:
1.9 mm), Standard length: 2 m
Y Models: 6-dia. vinyl-insulated round cable
with 2 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter:
1.9 mm), Standard length: 2 m
* E and F Models: Detection indicator (red)
Y Models: Operation indicator (red)
81
18
9
34 dia.
C Models: 5.5-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.5 mm), Standard length: 2 m
T Models: 5.5-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.5 mm), Standard length: 2 m
Sensitivity adjuster
Operation indicator (yellow)
Mounting Bracket (Accessory)
Y92E-A34
Material: Polyacetal
Note: Provided with the product.
42
R2.6
5.2
43
45
54.4
6.3
15
23.5
2
35
30
14
51
57.6
45
30
6
35
E2K
With Mounting Bracket Attached
* The holes are not drilled
completely through. Drill through
the holes before using them.
Sensor mounting hole
Two, 5.5-dia. mounting holes*
Two elliptic holes for bracket mounting
Two, M4 Sensor clamping screws


Similar Part No. - E2K-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C OMRON-E2K-C Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C20MC1 OMRON-E2K-C20MC1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2K-C20MC1 OMRON-E2K-C20MC1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C20MC2 OMRON-E2K-C20MC2 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
More results

Similar Description - E2K-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4100 VISHAY-VCNL4100 Datasheet
378Kb / 17P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
Rev. 1.2, 30-Aug-16
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2023
logo
Sharp Corporation
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
   High Sensitivity, Long Focal Distance Type Photointerrupter
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com