Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1943 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part No. 2SA1943
Description  150 Watt Silicon PNP Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Homepage  http://www.thinkisemi.com
Logo 

2SA1943 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ;IB=0
-230
V
VCEsat
Collector-emitter saturation voltage
IC=-8A IB=-0.8A
-3.0
V
VBE
Base-emitter voltage
IC=-7A ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-230V; IE=0
-5
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
μA
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-7A ; VCE=-5V
35
fT
Transition frequency
IC=-1A ; VCE=-5V
30
MHz
COB
Collector output capacitance
f=1MHz;VCB=-10V
360
pF
hFE-1 classifications
R
O
55-110
80-160
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
®
2SA1943
STYLE 2:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
DIM
A
MIN
MAX
MIN
MAX
INCHES
28.0
29.0
1.102
1.142
MILLIMETERS
B
19.3
20.3
0.760
0.800
C
4.7
5.3
0.185
0.209
D
0.93
1.48
0.037
0.058
E
1.9
2.1
0.075
0.083
F
2.2
2.4
0.087
0.102
G
5.45 BSC
0.215 BSC
H
2.6
3.0
0.102
0.118
J
0.43
0.78
0.017
0.031
K
17.6
18.8
0.693
0.740
L
11.2 REF
0.411 REF
N
4.35 REF
0.172 REF
P
2.2
2.6
0.087
0.102
Q
3.1
3.5
0.122
0.137
R
2.25 REF
0.089 REF
U
6.3 REF
0.248 REF
W
2.8
3.2
0.110
0.125
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
0.25 (0.010) M TB M
J
R
H
N
U
L
P
A
K
C
E
F
D
G
W
2 PL
3 PL
0.25 (0.010) M TB S
12
3
−B−
−T−
Q
Mechanical Dimensions
TO-3PL


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn