Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL375BCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL375BCCZ
Description  3-Axis, 200 g Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375BCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADXL375BCCZ Datasheet HTML 1Page - Analog Devices ADXL375BCCZ Datasheet HTML 2Page - Analog Devices ADXL375BCCZ Datasheet HTML 3Page - Analog Devices ADXL375BCCZ Datasheet HTML 4Page - Analog Devices ADXL375BCCZ Datasheet HTML 5Page - Analog Devices ADXL375BCCZ Datasheet HTML 6Page - Analog Devices ADXL375BCCZ Datasheet HTML 7Page - Analog Devices ADXL375BCCZ Datasheet HTML 8Page - Analog Devices ADXL375BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
3-Axis, ±200 g
Digital Accelerometer
Data Sheet
ADXL375
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power: as low as 35 µA in measurement mode and
0.1 µA in standby mode at VS = 2.5 V
Power consumption scales automatically with bandwidth
Embedded, 32-level FIFO buffer minimizes processor load
Bandwidth of up to 1 kHz
Bandwidth selectable via serial command
Shock event detection
Activity/inactivity monitoring
Supply voltage range: 2.0 V to 3.6 V
I/O voltage range: 1.7 V to VS
SPI (3- or 4-wire) and I2C digital interfaces
Wide temperature range: −40°C to +85°C
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 3 mm × 5 mm × 1 mm LGA package
APPLICATIONS
Concussion and head trauma detection
High force event detection
GENERAL DESCRIPTION
The ADXL375 is a small, thin, 3-axis accelerometer that provides
low power consumption and high resolution measurement up
to ±200 g. The digital output data is formatted as 16-bit, twos
complement data and is accessible through a SPI (3- or 4-wire)
or I2C digital interface.
An integrated memory management system with a 32-level first in,
first out (FIFO) buffer can be used to store data to minimize host
processor activity and lower overall system power consumption.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL375 is supplied in a small, thin, 3 mm × 5 mm ×
1 mm, 14-lead LGA.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL375
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32-LEVEL
FIFO
CS
Figure 1.


Similar Part No. - ADXL375BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL372BCCZ-RL AD-ADXL372BCCZ-RL Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL372BCCZ-RL7 AD-ADXL372BCCZ-RL7 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL373BCCZ-RL AD-ADXL373BCCZ-RL Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
More results

Similar Description - ADXL375BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL314 AD-ADXL314_V01 Datasheet
1Mb / 27P
   ±200 g Range, 3-Axis Digital Accelerometer
Rev. A
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
   짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
   3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
   3-Axis Low-g Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com