Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLA13BC8T Datasheet(PDF) 1 Page - Rohm

Part # SMLA13BC8T
Description  Compact size side-view LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLA13BC8T Datasheet(HTML) 1 Page - Rohm

  SMLA13BC8T Datasheet HTML 1Page - Rohm SMLA13BC8T Datasheet HTML 2Page - Rohm SMLA13BC8T Datasheet HTML 3Page - Rohm SMLA13BC8T Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.2
1.2
0.9
1.2
1.6
1.1
Terminal
Cathode INDEX
Tolerance : ±0.1
(unit : mm)
(unit : mm)
SML-A1 Series
EXCELEDTM
Features
・Compact size side-view LEDs
1611(0605)
1.6×1.15mm(t=0.55mm)
Color
Type
V
U
D
W
Y
M
P
B
WB
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-A12V8T
AIGaInP
on GaAs
Red
54
20
100*1
5
-40 to +85
-40 to +100
2.2
20
10
5
625
630
635
20
16
40
20
SML-A12U8T
615
620
625
25
63
SML-A12UT(J)
75
30
2.0
619
624
629
36
100
SML-A12D8T
Orange
54
20
2.2
602
605
608
40
SML-A12DT(J)
75
30
2.0
606
609
36
SML-A12WT(J)
Yellow
587
590
593
63
SML-A12Y8T
54
20
2.2
25
SML-A12M8T
Yellowish
Green
569
572
575
10
25
SML-A12MT(J)
65
25
-30 to +85
-40 to +85
2.1
100
567
570
573
14
40
SML-A12P8T
Green
54
20
-40 to +85
-40 to +100
2.2
10
557
560
563
2.5
6.3
SML-A12EC6T
InGaN
Bluish-
Green
68
20
100*1
5
-30 to +100
-40 to +100
3.0
5
100
5
(520) 527 (535)
5
22
56
5
SMLA12BC7T
Blue
66
-40 to +85
2.9
465
470
475
5.6
16
SMLA13BC8T
84
464
476
22
24
SMLA12WBC7W
White
33
10
50*1
10
(X,Y) (0.30,0.30)
56
*1:Duty1/10, 1kHz / *2:Reference
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X’ - Y’
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
SML-A12 Series / SML-A12x8T Series / SMLA12 Series
SMLA13 series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
*EXCELEDTM is ROHM's pending tradmark.
A12EC6T
A12BC7T
A12WBC7W
A12x8T
1/3
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.03 - Rev.C


Similar Part No. - SMLA13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
325Kb / 13P
   Compact size side-view LEDs
More results

Similar Description - SMLA13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8T ROHM-SML-A12V8T Datasheet
325Kb / 13P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com