Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE413E2103G102M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE413E2103G102M
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE413E2103G102M Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE413E2103G102M Datasheet HTML 1Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 2Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 3Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 4Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 5Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 6Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 7Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 8Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
1
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Mini Epoxy PVC Insulated Leads
FEATURES
• High adhesive strength between the PVC wire
and the encapsulating lacquer
• Accurate down to ± 0.3°C
• Small body of max. 3 mm for easy installation
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control
• On battery packs, heat-sinks, tubing, enclosures, etc.
DESCRIPTION
These sensors consist of small NTC chip soldered between
stranded Awg#30, 105 °C resistant, PVC (UL2651), or PVC
105 °C single hook-up wires (acc. to UL1061). Terminations
are solder dipped. They are lacquered and insulated with a
black epoxy coating.
MARKING
Black lacquered body without additional mark
PACKAGING
SPQ: 125 items (for standard 40 mm lead wire length)
MOUNTING
By soldering the wire end, or crimping connector. The body
can be inserted in a tube, free in air, tape attached or glued.
Not intended for fluid immersed applications or continuous
contact with water. Not for potting in hard material or
over-molding applications. Consult Vishay for specific
application or mounting.
DESIGN-IN SUPPORT
• For complete curve computation in °C or °F, visit:
www.vishay.com/resistors-non-linear/curve-computation-list
• Other R/T curves available on request
• The lead length can be customized
• Connectors can be added to the wire end
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
4.7K to 100K
Tolerance on R25-value
±1.0 to ± 5.0
%
B25/85-value
3435 to 4190
K
Tolerance on B25/85
± 0.5 to ± 1.5
%
Operating temperature
range at zero dissipation
- 40 to 105
°C
Maximum power
dissipation at 55 °C
100
mW
Accuracy of temperature
measurement (for 1%
types)
± 0.5 between 0 and 40
± 1.0 between - 40 and 80
°C
Dissipation factor
(in still air)
 3mW/K
Response time
(in oil)
 2.5
s
Climatic category
(LCT/UCT/days)
40/105/28
Minimum dielectric
withstanding voltage
between leads and
coated body
500
VRMS
Weight (40 mm length)
0.2
g
DIMENSIONS in millimeters
Electronic components of assessed quality measured in accordance with IEC 60539-1
Outline
NTCLE413E2
NTCLE428E3
D
Ø 3 max.
Ø 3 max.
L
40 ± 5 (or refer to table SAP description)
40 ± 5 (or refer to table SAP description)
L1
10 max.
10 max.
L2
3 ± 1
3 ± 1
L3
15 (for information)
-
W
2 (for information)
-
Ø d
1 (for information)
0.85 (for information)
L
L1
D
L2
L3
W
Ø d
D
L
L1
L2
Ø d
Ø 0.30


Similar Part No. - NTCLE413E2103G102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413E2103F102L VISHAY-NTCLE413E2103F102L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413E2103F102L VISHAY-NTCLE413E2103F102L Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE413E2103F106A VISHAY-NTCLE413E2103F106A Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE413E2103F400L VISHAY-NTCLE413E2103F400L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413E2103F400L VISHAY-NTCLE413E2103F400L Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE413E2103G102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com