Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE413E2103G102M Datasheet(PDF) 6 Page - Vishay Siliconix

Part # NTCLE413E2103G102M
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE413E2103G102M Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button NTCLE413E2103G102M Datasheet HTML 2Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 3Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 4Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 5Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 6Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 7Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 8Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 9Page - Vishay Siliconix NTCLE413E2103G102M Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
6
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 4
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE413-428 10K 5 % B3435 K
10
5
3435
1.0
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R/R
(%)
TCR
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40.0
190 953
19.095
8.37
- 5.46
1.53
174 965
206 940
- 35.0
145 953
14.595
8.05
- 5.30
1.52
134 205
157 700
- 30.0
112 440
11.244
7.74
- 5.14
1.51
103 739
121 141
- 25.0
87 285
8.7285
7.44
- 4.99
1.49
80 792
93 779
- 20.0
68 260
6.8260
7.15
- 4.85
1.48
63 377
73 142
- 15.0
53 762
5.3762
6.88
- 4.71
1.46
50 066
57 459
- 10.0
42 636
4.2636
6.61
- 4.57
1.45
39 818
45 455
- 5.0
34 038
3.4038
6.35
- 4.44
1.43
31 875
36 201
0.0
27 348
2.7348
6.11
- 4.31
1.42
25 677
29 018
5.0
22 108
2.2108
5.87
- 4.19
1.40
20 810
23 406
10.0
17 979
1.7979
5.64
- 4.08
1.38
16 965
18 994
15.0
14 706
1.4706
5.42
- 3.96
1.37
13 908
15 503
20.0
12 094
1.2094
5.21
- 3.86
1.35
11 465
12 724
25.0
10 000
1.0000
5.00
- 3.75
1.33
9500.0
10 500
30.0
8310.8
0.83108
5.20
- 3.65
1.42
7878.6
8742.9
35.0
6941.1
0.69411
5.39
- 3.55
1.52
6566.8
7315.4
40.0
5824.9
0.58249
5.58
- 3.46
1.61
5499.8
6149.9
45.0
4910.6
0.49106
5.76
- 3.37
1.71
4627.7
5193.5
50.0
4158.3
0.41583
5.94
- 3.28
1.81
3911.4
4405.1
55.0
3536.2
0.35362
6.11
- 3.20
1.91
3320.3
3752.2
60.0
3019.7
0.30197
6.27
- 3.12
2.01
2830.3
3209.0
65.0
2588.8
0.25888
6.43
- 3.04
2.12
2422.3
2755.3
70.0
2228.0
0.22280
6.59
- 2.96
2.22
2081.2
2374.7
75.0
1924.6
0.19246
6.74
- 2.89
2.33
1794.9
2054.2
80.0
1668.4
0.16684
6.88
- 2.82
2.44
1553.5
1783.3
85.0
1451.3
0.14513
7.03
- 2.75
2.55
1349.4
1553.3
90.0
1266.7
0.12667
7.17
- 2.69
2.67
1176.0
1357.5
95.0
1109.2
0.11092
7.30
- 2.62
2.78
1028.2
1190.2
100.0
974.26
0.097426
7.43
- 2.56
2.90
901.86
1046.7
105.0
858.33
0.085833
7.56
- 2.50
3.02
793.45
923.21


Similar Part No. - NTCLE413E2103G102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413E2103F102L VISHAY-NTCLE413E2103F102L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413E2103F102L VISHAY-NTCLE413E2103F102L Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE413E2103F106A VISHAY-NTCLE413E2103F106A Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE413E2103F400L VISHAY-NTCLE413E2103F400L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413E2103F400L VISHAY-NTCLE413E2103F400L Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE413E2103G102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com