Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-211UT Datasheet(PDF) 1 Page - Rohm

Part # SML-211UT
Description  Abundant color variations with diverse luminous intensity types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211UT Datasheet(HTML) 1 Page - Rohm

  SML-211UT Datasheet HTML 1Page - Rohm SML-211UT Datasheet HTML 2Page - Rohm SML-211UT Datasheet HTML 3Page - Rohm SML-211UT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.1
Terminal
*
Cathode mark
1.2
2.0
1.4
Tolerance : ±0.1
(unit : mm)
* At least one mark appear on cathode side.
(unit : mm)
*1:Duty1/5, 200Hz / *2:Duty1/10, 1kHz / *3:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.(V) IF(mA) Max.
(μA) VR(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-212VT
AIGaInP
on GaAs
Red
75
30
60*
1
4
-30 to +85
-40 to +85
2.05
20
100
4
625
630
635
20
22
63
20
SML-210VT
GaAsP
on GaP
70
25
2
1.4
4
SML-212U2T(A)
AIGaInP
on GaAs
75
30
100*
2
5
-40 to +100 -40 to +100
10
5
611
615
619
71
140
SML-211UT
44
20
60*
1
4
-30 to +85
-40 to +85
1.8
2
100
4
615
620
625
2
0.9
2.5
2
SML-212DT
Orange
75
30
2.05
20
602
605
608
20
25
63
20
SML-211DT
44
20
1.8
2
2
0.9
2.5
2
SML-210DT
GaAsP
on GaP
70
25
2
20
20
2.2
6.3
20
SML-212WT(A)
AIGaInP
on GaAs
Yellow
75
30
100*
2
5
-40 to +100 -40 to +100
10
5
587
590
593
112
224
SML-211WT
44
20
60*
1
4
-30 to +85
-40 to +85
1.8
2
100
4
2
1.4
4
2
SML-212YT
75
30
2.05
20
584
587
590
20
22
63
20
SML-211YT
44
20
1.8
2
2
1.4
4
2
SML-210YT
GaAsP on
GaP
70
25
2.1
20
20
2.2
6.3
20
SML-210MT
GaP
Yellowish
Green
2.2
567
570
573
3.6
16
SML-210PT
Green
557
560
563
1.4
4
RELATIVE LUMINOUS INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Y
X
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Y’
X’
Angular Displacement (deg)
SML-21 Series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Dimensions
Recommended Solder Pattern Viewing Angle
Specifications
Color
Type
V
U
D
Y
W
M
P
SML-21 Series
Features
・Abundant color variations with diverse luminous intensity types
2012(0805)
2.0×1.25mm(t=0.8mm)
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.08 - Rev.B


Similar Part No. - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211UT ROHM-SML-211UT Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-211UT ROHM-SML-211UT Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-211UT ROHM-SML-211UT Datasheet
84Kb / 3P
   Chip LEDs with low power consumption
SML-211UT ROHM-SML-211UT Datasheet
136Kb / 3P
   SML-21 Series
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
logo
Vishay Siliconix
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com