Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3209JCPZ-RL Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADP3209JCPZ-RL
Description  5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3209JCPZ-RL Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADP3209JCPZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 9Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 10Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 11Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 12Page - ON Semiconductor ADP3209JCPZ-RL Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP3209
Rev. 2 | Page 9 of 32 | www.onsemi.com
Pin No.
Mnemonic
Description
21
SW
Current Return For High-Side Gate Drive.
22
DRVH
High-Side Gate Drive Output.
23
BST
High-Side Bootstrap Supply. A capacitor from this pin to SW holds the bootstrapped voltage while
the high-side MOSFET is on.
24
VCC
Power Supply Input/Output of the Controller.
25 to 29
VID4 to VID0
Voltage Identification DAC Inputs. A 5-bit word (the VID code) programs the DAC output voltage, the
reference voltage of the voltage error amplifier without a load (see the VID code table, Table 4). In
normal operation mode, the VID DAC output programs the output voltage to a value within the 0 V to
1.25 V range. The input is actively pulled down.
30
EN
Enable Input. Driving this pin low shuts down the chip, disables the driver outputs, and pulls PWRGD low.
31
PWRGD
Power-Good Output. Open-drain output. A low logic state means that the output voltage is outside
of the VID DAC defined range.
32
VARFREQ
Variable Frequency Enable Input. Pulling this pin to ground sets the normal RPM mode of operation.
Pulling this pin to 5 V sets the fixed-frequency PWM mode of operation.


Similar Part No. - ADP3209JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
More results

Similar Description - ADP3209JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
International Rectifier
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com