Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3209CJCPZ-RL Datasheet(PDF) 15 Page - ON Semiconductor

Part # ADP3209CJCPZ-RL
Description  5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3209CJCPZ-RL Datasheet(HTML) 15 Page - ON Semiconductor

Back Button ADP3209CJCPZ-RL Datasheet HTML 11Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 12Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 13Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 14Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 15Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 16Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 17Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 18Page - ON Semiconductor ADP3209CJCPZ-RL Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADP3209
Rev. 2 | Page 15 of 32 | www.onsemi.com
Setting Switch Frequency
Master Clock Frequency in PWM Mode
When the ADP3209 runs in PWM, the clock frequency is set
by an external resistor connected from the RT pin to GND. The
frequency varies with the VID voltage: the lower the VID
voltage, the lower the clock frequency. The variation of clock
frequency with VID voltage maintains constant VCCGFX ripple and
improves power conversion efficiency at lower VID voltages.
Figure 9 shows the relationship between clock frequency and
VID voltage, parameterized by RT resistance.
Switching Frequency in RPM Mode
When the ADP3209 operates in RPM mode, its switching
frequency is controlled by the ripple voltage on the COMP pin.
Each time the COMP pin voltage exceeds the RPM pin voltage
threshold level determined by the VID voltage and the external
resistor connected between RPM and VRPM, an internal ramp
signal is started and DRVH is driven high. The slew rate of the
internal ramp is programmed by the current entering the
RAMP pin. One-third of the RAMP current charges an internal
ramp capacitor (5 pF typical) and creates a ramp. When the
internal ramp signal intercepts the COMP voltage, the DRVH
pin is reset low.
In continuous current mode, the switching frequency of RPM
operation is almost constant. While in discontinuous current
conduction mode, the switching frequency is reduced as a
function of the load current.
DIFFERENTIAL SENSING OF OUTPUT VOLTAGE
The ADP3209 combines differential sensing with a high accuracy
VID DAC, referenced by a precision band gap source and a low
offset error amplifier, to meet the rigorous accuracy requirement
of the Intel IMVP-6+ specification. In steady-state mode, the
combination of the VID DAC and error amplifier maintain the
output voltage for a worst-case scenario within ±8 mV of the
full operating output voltage and temperature range.
The VCCGFX output voltage is sensed between the FB and FBRTN
pins. FB should be connected through a resistor to the positive
regulation point—the VCC remote sensing pin of the GMCH.
FBRTN should be connected directly to the negative remote
sensing point—the VSS sensing point of the GMCH. The internal
VID DAC and precision voltage reference are referenced to
FBRTN and have a typical current of 200 µA for guaranteed
accurate remote sensing.
OUTPUT CURRENT SENSING
The ADP3209 includes a dedicated current sense amplifier (CSA)
to monitor the total output current of the converter for proper
voltage positioning vs. load current and for overcurrent detection.
Sensing the current delivered to the load is an inherently more
accurate method than detecting peak current or sampling the
current across a sense element, such as the low-side MOSFET.
The current sense amplifier can be configured several ways,
depending on system optimization objectives, and the current
information can be obtained by
Output inductor ESR sensing without the use of a
thermistor for the lowest cost
Output inductor ESR sensing with the use of a thermistor
that tracks inductor temperature to improve accuracy
Discrete resistor sensing for the highest accuracy
At the positive input of the CSA, the CSREF pin is connected to
the output voltage. At the negative input (that is, the CSFB pin of
the CSA), signals from the sensing element (in the case of inductor
DCR sensing, signals from the switch node side of the output
inductors) are connected with a resistor. The feedback resistor
between the CSCOMP and CSFB pins sets the gain of the current
sense amplifier, and a filter capacitor is placed in parallel with
this resistor. The current information is then given as the voltage
difference between the CSCOMP and CSREF pins. This signal
is used internally as a differential input for the current limit
comparator.
An additional resistor divider connected between the CSCOMP
and CSREF pins with the midpoint connected to the LLINE pin
can be used to set the load line required by the GMCH specifi-
cation. The current information to set the load line is then given
as the voltage difference between the LLINE and CSREF pins. This
configuration allows the load line slope to be set independent
from the current limit threshold. If the current limit threshold and
load line do not have to be set independently, the resistor divider
between the CSCOMP and CSREF pins can be omitted and the
CSCOMP pin can be connected directly to LLINE. To disable
voltage positioning entirely (that is, to set no load line), LLINE
should be tied to CSREF.
To provide the best accuracy for current sensing, the CSA has a
low offset input voltage and the sensing gain is set by an external
resistor ratio.
ACTIVE IMPEDANCE CONTROL MODE
To control the dynamic output voltage droop as a function of
the output current, the signal that is proportional to the total
output current, converted from the voltage difference between
LLINE and CSREF, can be scaled to be equal to the required
droop voltage. This droop voltage is calculated by multiplying
the droop impedance of the regulator by the output current.
This value is used as the control voltage of the PWM regulator.
The droop voltage is subtracted from the DAC reference output
voltage, and the resulting voltage is used as the voltage positioning
setpoint. The arrangement results in an enhanced feedforward
response.


Similar Part No. - ADP3209CJCPZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
More results

Similar Description - ADP3209CJCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
International Rectifier
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com