Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE413E2472H400M Datasheet(PDF) 8 Page - Vishay Siliconix

Part # NTCLE413E2472H400M
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE413E2472H400M Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button NTCLE413E2472H400M Datasheet HTML 2Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 3Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 4Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 5Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 6Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 7Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 8Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 9Page - Vishay Siliconix NTCLE413E2472H400M Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
8
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE413-428 47K 3 % B4090 K
47
3
4090
1.5
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R/R
(%)
TCR
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40.0
1 589 068
33.810
8.91
- 6.54
1.36
1 447 482
1 730 653
- 35.0
1 151 627
24.503
8.34
- 6.34
1.32
1 055 560
1 247 693
- 30.0
842 790
17.932
7.80
- 6.15
1.27
777 081
908 499
- 25.0
622 597
13.247
7.27
- 5.96
1.22
577 315
667 878
- 20.0
464 110
9.8747
6.77
- 5.79
1.17
432 690
495 530
- 15.0
348 989
7.4253
6.29
- 5.62
1.12
327 051
370 927
- 10.0
264 628
5.6304
5.82
- 5.45
1.07
249 224
280 032
- 5.0
202 280
4.3038
5.37
- 5.30
1.01
191 412
213 148
0.0
155 823
3.3154
4.94
- 5.14
0.96
148 124
163 522
5.0
120 932
2.5730
4.52
- 5.00
0.91
115 460
126 404
10.0
94 528
2.0112
4.12
- 4.86
0.85
90 630
98 425
15.0
74 399
1.5830
3.74
- 4.72
0.79
71 619
77 178
20.0
58 945
1.2542
3.36
- 4.59
0.73
56 964
60 927
25.0
47 000
1.0000
3.00
- 4.47
0.67
45 590
48 410
30.0
37 706
0.80226
3.35
- 4.35
0.77
36 443
38 969
35.0
30 429
0.64743
3.69
- 4.23
0.87
29 307
31 551
40.0
24 696
0.52545
4.02
- 4.12
0.97
23 705
25 688
45.0
20 154
0.42880
4.33
- 4.01
1.08
19 281
21 027
50.0
16 534
0.35178
4.64
- 3.91
1.19
15 767
17 301
55.0
13 633
0.29006
4.94
- 3.81
1.30
12 960
14 306
60.0
11 296
0.24035
5.23
- 3.71
1.41
10 706
11 887
65.0
9404.5
0.20010
5.51
- 3.62
1.52
8886.6
9922.3
70.0
7865.2
0.16735
5.78
- 3.53
1.64
7410.7
8319.7
75.0
6606.9
0.14057
6.04
- 3.44
1.75
6207.6
7006.2
80.0
5573.5
0.11858
6.30
- 3.36
1.87
5222.3
5924.6
85.0
4721.0
0.10045
6.55
- 3.28
2.00
4411.8
5030.2
90.0
4014.7
0.085420
6.79
- 3.20
2.12
3742.0
4287.4
95.0
3427.2
0.072919
7.03
- 3.13
2.25
3186.3
3668.1
100.0
2936.5
0.062478
7.26
- 3.05
2.38
2723.3
3149.6
105.0
2525.0
0.053723
7.48
- 2.98
2.51
2336.1
105.0


Similar Part No. - NTCLE413E2472H400M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413E2472H400 VISHAY-NTCLE413E2472H400 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413E2472H400 VISHAY-NTCLE413E2472H400 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE413E2472H400A VISHAY-NTCLE413E2472H400A Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE413E2472H400M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com