Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100M Datasheet(PDF) 33 Page - Microsemi Corporation

Part # A42MX09-2TQ100M
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-2TQ100M Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button A42MX09-2TQ100M Datasheet HTML 29Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 30Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 31Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 32Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 33Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 34Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 35Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 36Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 29
Note:
Values are shown for A42MX36 –3 at 5.0 V worst-case commercial conditions.
Figure 1-19 • 42MX Timing Model (SRAM Functions)
t
INPY = 1 .0 ns
Input Delays
I/O Module
DQ
Array
Clocks
G
I/O Module
DQ
G
WD [7:0]
WRAD [5:0]
BLKEN
WEN
WCLK
RD [7:0]
RDAD [5:0]
REN
RCLK
Predicted
Routing
Delays
t
GHL = 2.9 ns
t
LSU = 0.5 ns
t
LH = 0.0 ns
t
DLH = 2.6 ns
t
ADSU = 1.6 ns
t
ADH = 0.0 ns
t
RENSU = 0.6 ns
t
RCO = 3.4 ns
t
ADSU = 1.6 ns
t
ADH = 0.0 ns
t
WENSU = 2.7 ns
t
BENS = 2.8 ns
t
RD1 = 0.9 ns
F
MAX = 167 MHz
t
IRD1 = 2.0 ns
t
INSU = 0.5 ns
t
INH = 0.0 ns
t
INGO = 1.4 ns


Similar Part No. - A42MX09-2TQ100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-2TQ100M ETC1-A42MX09-2TQ100M Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100M MICROSEMI-A42MX09-2TQ100M Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-2TQ100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com