Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK830145WG Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK830145WG
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK830145WG Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK830145WG Datasheet HTML 1Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 2Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 3Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 4Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 5Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 6Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 7Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 8Page - Panasonic Semiconductor AXK830145WG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
DIMENSIONS (Unit: mm)
Socket and Header are mated
The CAD data of the products with a CAD Data mark can be downloaded from: http://industrial.panasonic.com/ac/e/
Without Soldering Terminals
Socket (Mated height: 1.5 mm, 2.0 mm, 2.5 mm, 3.0 mm and 3.5 mm)
E
0.15±0.03
0.40±0.05
0.40±0.05
A
B±0.1
0.08
C
0.80
0.80
D
Max. 18 pin contacts
General tolerance: ±0.2
Dimension table (mm)
Number of pins/
dimension
A
B
C
D
14
5.1
2.4
2.8
20
6.3
3.6
1.6
22
6.7
4.0
2.0
24
7.1
4.4
2.4
26
7.5
4.8
2.8
30
8.3
5.6
3.6
34
9.1
6.4
4.4
40
10.3
7.6
5.6
44
11.1
8.4
6.4
50
12.3
9.6
7.6
54
13.1
10.4
8.4
60
14.3
11.6
9.6
64
15.1
12.4
10.4
70
16.3
13.6
11.6
80
18.3
15.6
13.6
100
22.3
19.6
17.6
Mated height/dimension
E
1.5mm
1.50
2.0mm
1.92
2.5mm, 3.0mm
2.42
3.5mm
2.92
CAD Data
Header (Mated height: 1.5 mm, 2.0 mm, 2.5 mm, 3.0 mm and 3.5 mm)
0.08
C
0.76
0.76
B±0.1
A
0.40±0.05
0.40±0.05
0.15±0.03
E
0.10±0.03
D
Max. 18 pin contacts
General tolerance: ±0.2
Dimension table (mm)
Number of pins/
dimension
A
B
C
D
14
3.9
2.4
3.04
20
5.1
3.6
1.6
22
5.5
4.0
2.0
24
5.9
4.4
2.4
26
6.3
4.8
2.8
30
7.1
5.6
3.6
34
7.9
6.4
4.4
40
9.1
7.6
5.6
44
9.9
8.4
6.4
50
11.1
9.6
7.6
54
11.9
10.4
8.4
60
13.1
11.6
9.6
64
13.9
12.4
10.4
70
15.1
13.6
11.6
80
17.1
15.6
13.6
100
21.1
19.6
17.6
Mated height/dimension
E
F
1.5mm, 2.0mm, 2.5mm
1.31
1.20
3.0mm, 3.5mm
2.26
1.26
CAD Data


Similar Part No. - AXK830145WG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK8L10124BG PANASONIC-AXK8L10124BG Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK8L10125BG PANASONIC-AXK8L10125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK8L12125BG PANASONIC-AXK8L12125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK8L14125BG PANASONIC-AXK8L14125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK8L16124BG PANASONIC-AXK8L16124BG Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
More results

Similar Description - AXK830145WG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com