Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK770347G Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXK770347G
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK770347G Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXK770347G Datasheet HTML 2Page - Panasonic Semiconductor AXK770347G Datasheet HTML 3Page - Panasonic Semiconductor AXK770347G Datasheet HTML 4Page - Panasonic Semiconductor AXK770347G Datasheet HTML 5Page - Panasonic Semiconductor AXK770347G Datasheet HTML 6Page - Panasonic Semiconductor AXK770347G Datasheet HTML 7Page - Panasonic Semiconductor AXK770347G Datasheet HTML 8Page - Panasonic Semiconductor AXK770347G Datasheet HTML 9Page - Panasonic Semiconductor AXK770347G Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Without soldering terminals
Connector orientation with respect to direction of progress of embossed tape
Without soldering terminals
Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Socket
Header
Common for socket and header:
1.5 mm, 2.0 mm, 2.5 mm and 3.0 mm
Header: 3.5 mm
Max. 18
Max. 18
Tape I
16.0
7.5
17.4
3,000
20 to 70
20 to 70
Tape I
24.0
11.5
25.4
3,000
80 to 100
80 to 100
Tape II
32.0
28.4
14.2
33.4
3,000
Socket: 3.5 mm
20 to 40
Tape I
24.0
11.5
25.4
2,000
• Tape dimensions (Conforming to JIS C 0806-1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
8.0
A±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET-7200B)
D±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Type
Direction of
tape progress
Common for P4
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.


Similar Part No. - AXK770347G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK7L10227G PANASONIC-AXK7L10227G Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L12227G PANASONIC-AXK7L12227G Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L14227G PANASONIC-AXK7L14227G Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
More results

Similar Description - AXK770347G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com