Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PN0202QN100ES Datasheet(PDF) 11 Page - Microsemi Corporation

Part # A3PN0202QN100ES
Description  ProASIC3 nano Flash FPGAs
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN0202QN100ES Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button A3PN0202QN100ES Datasheet HTML 7Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 8Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 9Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 10Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 11Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 12Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 13Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 14Page - Microsemi Corporation A3PN0202QN100ES Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
ProASIC3 nano Flash FPGAs
Revision 11
1-5
VersaTiles
The ProASIC3 nano core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS®
core tiles. The ProASIC3 nano VersaTile supports the following:
All 3-input logic functions—LUT-3 equivalent
Latch with clear or set
D-flip-flop with clear or set
Enable D-flip-flop with clear or set
Refer to Figure 1-5 for VersaTile configurations.
User Nonvolatile FlashROM
ProASIC3 nano devices have 1 kbit of on-chip, user-accessible, nonvolatile FlashROM. The FlashROM
can be used in diverse system applications:
Internet protocol addressing (wireless or fixed)
System calibration settings
Device serialization and/or inventory control
Subscription-based business models (for example, set-top boxes)
Secure key storage for secure communications algorithms
Asset management/tracking
Date stamping
Version management
The FlashROM is written using the standard ProASIC3 nano IEEE 1532 JTAG programming interface.
The core can be individually programmed (erased and written), and on-chip AES decryption can be used
selectively to securely load data over public networks (except in the A3PN030 and smaller devices), as in
security keys stored in the FlashROM for a user design.
The FlashROM can be programmed via the JTAG programming interface, and its contents can be read
back either through the JTAG programming interface or via direct FPGA core addressing. Note that the
FlashROM can only be programmed from the JTAG interface and cannot be programmed from the
internal logic array.
The FlashROM is programmed as 8 banks of 128 bits; however, reading is performed on a byte-by-byte
basis using a synchronous interface. A 7-bit address from the FPGA core defines which of the 8 banks
and which of the 16 bytes within that bank are being read. The three most significant bits (MSBs) of the
FlashROM address determine the bank, and the four least significant bits (LSBs) of the FlashROM
address define the byte.
The ProASIC3 nano development software solutions, Libero® System-on-Chip (SoC) software and
Designer, have extensive support for the FlashROM. One such feature is auto-generation of sequential
programming files for applications requiring a unique serial number in each part. Another feature enables
the inclusion of static data for system version control. Data for the FlashROM can be generated quickly
and easily using Libero SoC and Designer software tools. Comprehensive programming file support is
also included to allow for easy programming of large numbers of parts with differing FlashROM contents.
Figure 1-5 • VersaTile Configurations
X1
Y
X2
X3
LUT-3
Data
Y
CLK
Enable
CLR
D-FF
Data
Y
CLK
CLR
D-FF
LUT-3 Equivalent
D-Flip-Flop with Clear or Set
Enable D-Flip-Flop with Clear or Set


Similar Part No. - A3PN0202QN100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN020 ACTEL-A3PN020 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
More results

Similar Description - A3PN0202QN100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com