Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-1BGG100I Datasheet(PDF) 2 Page - Microsemi Corporation

Part # A42MX09-1BGG100I
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-1BGG100I Datasheet(HTML) 2 Page - Microsemi Corporation

  A42MX09-1BGG100I Datasheet HTML 1Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 2Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 3Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 4Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 5Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 6Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 7Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 8Page - Microsemi Corporation A42MX09-1BGG100I Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
40MX and 42MX FPGA Families
ii
R evis i o n 11
Ordering Information
Plastic Device Resources
User I/Os
Device
PLCC
44-Pin
PLCC
68-Pin
PLCC
84-Pin
PQFP
100-Pin
PQFP
160-Pin
PQFP
208-Pin
PQFP
240-Pin
VQFP
80-Pin
VQFP
100-Pin
TQFP
176-Pin
PBGA
272-Pin
A40MX02
34
57
57
57
A40MX04
34
57
69
69
69
A42MX09
72
83
101
83
104
A42MX16
72
83
125
140
83
140
A42MX24
72
125
176
150
A42MX36
–––––
176
202
202
Note:
Package Definitions
PLCC = Plastic Leaded Chip Carrier, PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, VQFP = Very Thin Quad
Flat Pack, PBGA = Plastic Ball Grid Array
_
Part Number
Speed Grade
Package Type
Package Lead Count
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
Blank = Commercial (0 to +70°C)
Application (Temperature Range)
PL = Plastic Leaded Chip Carrier
CQ =Ceramic Quad Flat Pack
BG = Plastic Ball Grid Array
VQ = Very Thin (1.0 mm) Quad Flat Pack
TQ = Thin (1.4 mm) Quad Flat Pack
PQ = Plastic Quad Flat Pack
Blank = Standard Speed
–1 = Approximately 15% Faster than Standard
–2 = Approximately 25% Faster than Standard
–3 = Approximately 35% Faster than Standard
–F = Approximately 40% Slower than Standard
A40MX02 = 3,000 System Gates
A40MX04 = 6,000 System Gates
A42MX09 = 14,000 System Gates
A42MX16 = 24,000 System Gates
A42MX24 = 36,000 System Gates
A42MX36 = 54,000 System Gates
A42MX16
1
PQ
100
G
ES
I = Industrial (–40 to +85°C)
M = Military (–55 to +125°C)
A = Automotive (–40 to +125°C)
B = MIL-STD-883


Similar Part No. - A42MX09-1BGG100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX09-1BGG100I MICROSEMI-A42MX09-1BGG100I Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-1BGG100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com