Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PN020ZQN100ES Datasheet(PDF) 3 Page - Microsemi Corporation

Part # A3PN020ZQN100ES
Description  ProASIC3 nano Flash FPGAs
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN020ZQN100ES Datasheet(HTML) 3 Page - Microsemi Corporation

  A3PN020ZQN100ES Datasheet HTML 1Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 2Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 3Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 4Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 5Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 6Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 7Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 8Page - Microsemi Corporation A3PN020ZQN100ES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
ProASIC3 nano Flash FPGAs
Revision 11
III
ProASIC3 nano Ordering Information
Devices Not Recommended For New Designs
A3PN015, A3PN030Z, A3PN060Z, A3PN125Z, and A3PN250Z are not recommended for new designs.
Device Marking
Microsemi normally topside marks the full ordering part number on each device. There are some exceptions to this, such as some of
the Z feature grade nano devices, the V2 designator for IGLOO devices, and packages where space is physically limited. Packages
that have limited characters available are UC36, UC81, CS81, QN48, QN68, and QFN132. On these specific packages, a subset of
the device marking will be used that includes the required legal information and as much of the part number as allowed by character
limitation of the device. In this case, devices will have a truncated device marking and may exclude the applications markings, such
as the I designator for Industrial Devices or the ES designator for Engineering Samples.
Figure 1 on page 1-IV shows an example of device marking based on the AGL030V5-UCG81.
Note: *For the A3PN060, A3PN125, and A3PN250, the Z feature grade does not support the enhanced nano features of Schmitt
trigger input, cold-sparing, and hot-swap I/O capability. The A3PN030 Z feature grade does not support Schmitt trigger input.
For the VQ100, CS81, UC81, QN68, and QN48 packages, the Z feature grade and the N part number are not marked on the
device.
A3PN010 = 10,000 System Gates
A3PN015 = 15,000 System Gates (A3PN015 is not recommended for new designs)
A3PN020 = 20,000 System Gates
A3PN030 = 30,000 System Gates
A3PN060 = 60,000 System Gates
A3PN125 = 125,000 System Gates
A3PN250 = 250,000 System Gates
Speed Grade
Blank = Standard
Blank = Standard
Feature Grade
Z = nano devices without enhanced features* (Not recommended for new designs)
A3PN250
Z
1
VQ
_
Part Number
ProASIC3 nano Devices
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
DIELOT = Known Good Die
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches)
100
YI
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (
40°C to +85°C Ambient Temperature)
Blank = Standard Packaging
G= RoHS-Compliant Packaging
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
1 = 15% Faster than Standard
2 = 25% Faster than Standard
Security Feature
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio


Similar Part No. - A3PN020ZQN100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN020 MICROSEMI-A3PN020 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN020 ACTEL-A3PN020 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
More results

Similar Description - A3PN020ZQN100ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com