Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXN430530S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXN430530S
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN430530S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXN430530S Datasheet HTML 1Page - Panasonic Semiconductor AXN430530S Datasheet HTML 2Page - Panasonic Semiconductor AXN430530S Datasheet HTML 3Page - Panasonic Semiconductor AXN430530S Datasheet HTML 4Page - Panasonic Semiconductor AXN430530S Datasheet HTML 5Page - Panasonic Semiconductor AXN430530S Datasheet HTML 6Page - Panasonic Semiconductor AXN430530S Datasheet HTML 7Page - Panasonic Semiconductor AXN430530S Datasheet HTML 8Page - Panasonic Semiconductor AXN430530S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
For board-to-board
P8 Series
Narrow pitch connectors
(0.8mm pitch)
FEATURES
1. The product lineup includes low
profile heights of 3.0 mm, 3.5 mm,
4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm,
6.0 mm, 7.0 mm, 8.0 mm, 11.5 mm, and
13.0 mm 14.0 mm.
2. For the 11.5 mm version, both
socket and header have the same
shape.
Simplifies management of stock and
delivery.
3. Ideal for portable devices, the
bellows-type contacts provide a
strong resistance against falling,
impacts, and forced insertions and
removals.
4. Porosity treatment for improved
resistance against corrosion.
5. Simple lock mechanism
Lock mechanism ensures proper contact
and provides resistance against
vibrations and shocks.
3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm,
5.0 mm, 5.5 mm, 6.0 mm, 7.0 mm,
8.0 mm, 13.0 mm, and 14.0 mm.
The simple lock mechanism is not
featured on the 11.5 mm version.
However, proper contact and resistance
against vibrations and shocks are both
ensured by the long mating length.
6. Automatic mounting (excluding 11.5
mm version)
1) Automatic mounting machine is
available with an exclusive mounting
nozzle.
Using the following types of suction
nozzles make the connectors compatible
with automatic mounting without the need
for suction tape.
Suction tape and covers are also
available for compatibility with other types
of mounting machines.
2) Positioning bosses (without bosses
also available)
APPLICATIONS
Digital devices, such as desktop PC,
laptop and digital video cameras
Socket
Header
RoHS compliant
AB
ab
ba
AB
When mated
Bellows-type contacts
Round corner makes contact.
Ex.: Stacking height of 3.0 mm
Bellows-type contacts resist mating stress
and offer high contact reliability.
The bellows type contacts
are fabricated by bending
thin sheet metal. They
offer a reliable contact
since a rounded corner,
instead of a sharp edge,
is used for tuning fork
type contact.
Simple locking
mechanism
Suction tape (socket)
Bosses for positioning on the PC board
(those without bosses are also available).
Suitable for both manual and automatic mounting.


Similar Part No. - AXN430530S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXN500045G PANASONIC-AXN500045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN530045G PANASONIC-AXN530045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN540045G PANASONIC-AXN540045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
More results

Similar Description - AXN430530S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com