Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA4560F Datasheet(PDF) 8 Page - Rohm

Part # BA4560F
Description  Low Noise Operational Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560F Datasheet(HTML) 8 Page - Rohm

Back Button BA4560F Datasheet HTML 4Page - Rohm BA4560F Datasheet HTML 5Page - Rohm BA4560F Datasheet HTML 6Page - Rohm BA4560F Datasheet HTML 7Page - Rohm BA4560F Datasheet HTML 8Page - Rohm BA4560F Datasheet HTML 9Page - Rohm BA4560F Datasheet HTML 10Page - Rohm BA4560F Datasheet HTML 11Page - Rohm BA4560F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Technical Note
8/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BA4584 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA4584FV
Min.
Typ.
Max.
Input Offset Voltage
(*16)
Vio
25℃
-
0.3
3
mV
Rs≦10[kΩ]
Input Offset Current
(*16)
Iio
25℃
-
5
200
nA
Input Bias Current
(*17)
Ib
25℃
-
100
500
nA
Large Signal Voltage Gain
AV
25℃
90
110
-
dB
RL≧10[kΩ], VOUT=±10[V]
Maximum Output Voltage
VOM
25℃
±12
±13.5
-
V
RL≧2[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
±12
±13.5
-
V
Common-mode Rejection Ratio
CMRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
12
18
mA
RL=∞ All Op-Amps,
VIN+=0[V]
Slew Rate
SR
25℃
-
5
-
V/μsRL≧2[kΩ]
Unity Gain Frequency
ft
25℃
-
5
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.0005
-
%
Av=20[dB], VOUT=5[Vrms]
RL=2[kΩ]f=1[kHz]
20[Hz]~20[kHz] BPF
Input Referred Noise Voltage
Vn
25℃
-
0.8
-
μVrms RIAA, Rs=2.2[kΩ],
30[kHz] LPF
(*16) Absolute value
(*17) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
Electrical characteristics
BA4584R family (Unless otherwise specified VCC=+9.5[V], VEE=-9.5[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA4584R F/FV
Min.
Typ.
Max.
Input Offset Voltage (*18)
Vio
25℃
-
0.3
3
mV
Rs≦10[kΩ]
Input Offset Current (*18)
Iio
25℃
-
5
200
nA
Input Bias Current (*19)
Ib
25℃
-
100
500
nA
Large Signal Voltage Gain
AV
25℃
90
110
-
dB
RL≧10[kΩ], VOUT=±10[V]
Maximum Output Voltage
VOM
25℃
±6.5
±8
-
V
RL≧2[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
±6.5
±8
-
V
Common-mode Rejection Ratio
CMRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
11
17
mA
RL=∞ All Op-Amps,
VIN+=0[V]
Slew Rate
SR
25℃
-
5
-
V/μsRL≧2[kΩ]
Unity Gain Frequency
ft
25℃
-
5
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.0005
-
%
Av=20[dB], VOUT=5[Vrms]
RL=2[kΩ], f=1[kHz]
20[Hz]~20[kHz] BPF
Input Referred Noise Voltage
Vn
25℃
-
0.8
-
μVrms RIAA, Rs=2.2[kΩ],
30[kHz] LPF
(*18) Absolute value
(*19) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA4560F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4560F ROHM-BA4560F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA4560F ROHM-BA4560F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA4560F ROHM-BA4560F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

Similar Description - BA4560F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com