Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114EM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTC114EM
Description  NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114EM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTC114EM Datasheet HTML 7Page - NXP Semiconductors PDTC114EM Datasheet HTML 8Page - NXP Semiconductors PDTC114EM Datasheet HTML 9Page - NXP Semiconductors PDTC114EM Datasheet HTML 10Page - NXP Semiconductors PDTC114EM Datasheet HTML 11Page - NXP Semiconductors PDTC114EM Datasheet HTML 12Page - NXP Semiconductors PDTC114EM Datasheet HTML 13Page - NXP Semiconductors PDTC114EM Datasheet HTML 14Page - NXP Semiconductors PDTC114EM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PDTC114E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 21 December 2011
11 of 17
NXP Semiconductors
PDTC114E series
NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
11. Soldering
Reflow soldering is the only recommended soldering method.
Fig 16. Reflow soldering footprint PDTC114EE (SOT416/SC-75)
Reflow soldering is the only recommended soldering method.
Fig 17. Reflow soldering footprint PDTC114EM (SOT883/SC-101)
solder lands
solder resist
occupied area
solder paste
sot416_fr
0.85
1.7
2.2
2
0.5
(3
×)
0.6
(3
×)
1
1.3
Dimensions in mm
solder lands
solder resist
occupied area
solder paste
sot883_fr
1.3
0.3
0.6
0.7
0.4
0.9
0.3
(2
×)
0.4
(2
×)
0.25
(2
×)
R0.05 (12
×)
0.7
Dimensions in mm


Similar Part No. - PDTC114EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EM PHILIPS-PDTC114EM Datasheet
92Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114EM NXP-PDTC114EM Datasheet
181Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114EM PHILIPS-PDTC114EM Datasheet
717Kb / 17P
   NPN resistor-equipped transistors
Rev. 12-21 December 2011
logo
Nexperia B.V. All right...
PDTC114EM NEXPERIA-PDTC114EM Datasheet
215Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC114EM NEXPERIA-PDTC114EM Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
More results

Similar Description - PDTC114EM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114E_SER NEXPERIA-PDTC114E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
logo
NXP Semiconductors
PEMH11_PUMH11 PHILIPS-PEMH11_PUMH11_15 Datasheet
622Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 10 k?? R2 = 10 k?
Rev. 6-29 November 2011
PEMD3-115 NXP-PEMD3-115 Datasheet
986Kb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 11-25 September 2013
logo
Nexperia B.V. All right...
PEMD3 NEXPERIA-PEMD3 Datasheet
1Mb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PEMD3 NEXPERIA-PEMD3_V01 Datasheet
1Mb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PDTC143X_SER NEXPERIA-PDTC143X_SER Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X_15 Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 11-9 December 2011
logo
Nexperia B.V. All right...
PDTC114Y_SER NEXPERIA-PDTC114Y_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 7 - 18 November 2011
logo
NXP Semiconductors
PEMH18_PUMH18 PHILIPS-PEMH18_PUMH18_15 Datasheet
589Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PEMH9 NEXPERIA-PEMH9_V01 Datasheet
790Kb / 18P
   NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 12 November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com