Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-T250-360 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-T250-360
Description  1.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-T250-360 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-T250-360 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Switching Specifications (AC) (Compared with HCPL‑3120)
Over recommended operating conditions (TA = ‑40 to 100°C, IF(ON) = 7 to 16 mA, VF(OFF) = ‑3.6 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
HCPL-3120
HCPL-T250
(-40°C ~ 100°C)
(-20°C ~ 85°C)
Test
Parameter
Symbol
Units
Min.
Typ.*
Max.
Min.
Typ.*
Max.
Conditions
Note
Propagation Delay
tPHL
µs
0.1
0.27
0.5
0.27
0.5
Time to High
Output Level
Propagation Delay
TPLH
µs
0.1
0.3
0.5
0.3
0.5
Time to Low
Output Level
Output Rise Time
tR
µs
0.1
N.A.
Output Fall Time
tF
µs
0.1
N.A.
Pulse Width
PWD
µs
0.3
N.A.
Distortion
Propagation
(tPHL
µs
‑0.35
0.35
N.A.
N.A.
4
Delay Difference
tPLH)
Between Any
PDD
Two Parts
Output High
|CMH|
kV/µs
25
35
5
TA = 25°C
5
Level Common
VCC = 30 V
Mode Transient
HCPL
IF = 10 mA
Immunity
‑3120
VCM = 1500 V
HCPL
IF = 10 mA
‑T250
VCM = 600 V
Output Low
|CML|
kV/µs
25
35
5
TA = 25°C
5
Level Common
VF = 0 V
Mode Transient
HCPL
Immunity
‑3120
VCM = 1500 V
HCPL
‑T250
VCM = 600 V
*All typical values at TA = 25°C and VCC ‑ VEE = 30 V, unless otherwise noted.
Notes:
4. The difference between tPHL and tPLH between any two HCPL‑3120 parts under the same test condition.
5. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the
output will remain in the high state (i.e., VO > 15.0 V).
6. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the out‑
put will remain in a low state (i.e., VO < 1.0 V).
Rg = 10 Ω
Cg = 10 nF,
f = 10 kHz,
Duty Cycle = 50%
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes 5989-2144EN
AV02-0166EN - October 16, 2007


Similar Part No. - HCPL-T250-360

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250-300 HP-HCPL-T250-300 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-T250-360

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com